công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96000CIMTX bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM96000CIMTX
Giải thích chi tiết về linh kiện  Hardware Monitor with Integrated Fan Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000CIMTX bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LM96000CIMTX Datasheet HTML 7Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 8Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 9Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 10Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 11Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 12Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 13Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 14Page - National Semiconductor (TI) LM96000CIMTX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Functional Description (Continued)
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
6Fh
R/W
XOR Test Tree Enable
RES
RES
RES
RES
RES
RES
RES
XEN
00h
U
74h
R/W
Tach Monitor Mode
RES
RES T3/4-1 T3/4-0
T2-1
T2-0
T1-1
T1-0
00h
75h
R/W
Fan Spin-up Mode
RES
RES
RES
RES
RES
PWM3
SU
PWM2
SU
PWM1
SU
7h
U
Note: Reserved bits will always return 0 when read.
4.1 Register 20-24h: Voltage Reading
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
20h
R
2.5V
7
6543210
N/A
21h
R
VCCP
7
6543210
N/A
22h
R
3.3V
7
6543210
N/A
23h
R
5V
7
6543210
N/A
24h
R
12V
7
6543210
N/A
The Register Names difine the typical input voltage at which the reading is 34 full scale or C0h.
The Voltage Reading registers are updated automatically by the LM96000 at a minimum frequency of 4 Hz. These registers are
read only — a write to these registers has no effect.
4.2 Register 25-27h: Temperature Reading
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
25h
R
Processor (Zone1) Temp
7
6543210
N/A
26h
R
Internal (Zone2) Temp
7
6543210
N/A
27h
R
Remote (Zone3) Temp
7
6543210
N/A
The Temperature Reading registers reflect the current temperatures of the internal and remote diodes. Processor (Zone1) Temp
register reports the temperature measured by the thermal diode connected to the Remote1− and Remote1+ pins, Remote
(Zone3) Temp register reports the temperature measured by the thermal diode connected to the the Remote2− and Remote2+
pins, and the Internal (Zone2) Temp register reports the temperature measured by the internal (junction) temperature sensor.
Temperatures are represented as 8 bit, 2’s complement, signed numbers, in Celsius, as shown below in Table 1. The Temperature
Reading register will return a value of 80h if the remote diode pins are not used by the board designer or are not functioning
properly. This reading will cause the zone limit bit(s) (bits 6 and 4) in the Interrupt Status Register (41h) and the remote diode fault
status bit(s) (bit 6 or 7) in the Interrupt Status Register 2 (42h) to be set. The Temperature Reading registers are updated
automatically by the LM96000 at a minimum frequency of 4 Hz. These registers are read only — a write to these registers has
no effect.
TABLE 1. Temperature vs Register Reading
Temperature
Reading (Dec)
Reading (Hex)
−127˚C
−127
81h
.
.
.
.
.
.
.
.
.
−50˚C
−50
CEh
www.national.com
11


Số phần tương tự - LM96000CIMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96000CIMTX/NOPB TI1-LM96000CIMTX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
More results

Mô tả tương tự - LM96000CIMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
   Hardware KBC with ACPI, Temp. and Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com