công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96000CIMT bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM96000CIMT
Giải thích chi tiết về linh kiện  Hardware Monitor with Integrated Fan Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000CIMT bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM96000CIMT Datasheet HTML 6Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 7Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 8Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 9Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 10Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 11Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 12Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 13Page - National Semiconductor (TI) LM96000CIMT Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Functional Description (Continued)
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock?
49h
R/W
3.3V High Limit
7
6
5
4
3
2
1
0
FFh
4Ah
R/W
5V Low Limit
7
6
5
4
3
2
1
0
00h
4Bh
R/W
5V High Limit
7
6
5
4
3
2
1
0
FFh
4Ch
R/W
12V Low Limit
7
6
5
4
3
2
1
0
00h
4Dh
R/W
12V High Limit
7
6
5
4
3
2
1
0
FFh
4Eh
R/W
Processor (Zone1) Low
Temp
7
6
5
4
3
2
1
0
81h
4Fh
R/W
Processor (Zone1) High
Temp
7
6
5
4
3
2
1
0
7Fh
50h
R/W
Internal (Zone2) Low
Temp
7
6
5
4
3
2
1
0
81h
51h
R/W
Internal (Zone2) High
Temp
7
6
5
4
3
2
1
0
7Fh
52h
R/W
Remote (Zone3) Low
Temp
7
6
5
4
3
2
1
0
81h
53h
R/W
Remote (Zone3) High
Temp
7
6
5
4
3
2
1
0
7Fh
54h
R/W
Tach1 Minimum LSB
7
6
5
4
3
2
1
0
FFh
55h
R/W
Tach1 Minimum MSB
15
14
13
12
11
10
9
8
FFh
56h
R/W
Tach2 Minimum LSB
7
6
5
4
3
2
1
0
FFh
57h
R/W
Tach2 Minimum MSB
15
14
13
12
11
10
9
8
FFh
58h
R/W
Tach3 Minimum LSB
7
6
5
4
3
2
1
0
FFh
59h
R/W
Tach3 Minimum MSB
15
14
13
12
11
10
9
8
FFh
5Ah
R/W
Tach4 Minimum LSB
7
6
5
4
3
2
1
0
FFh
5Bh
R/W
Tach4 Minimum MSB
15
14
13
12
11
10
9
8
FFh
5Ch
R/W
Fan1 Configuration
ZON2 ZON1 ZON0
INV
RES
SPIN2
SPIN1
SPIN0
62h
U
5Dh
R/W
Fan2 Configuration
ZON2 ZON1 ZON0
INV
RES
SPIN2
SPIN1
SPIN0
62h
U
5Eh
R/W
Fan3 Configuration
ZON2 ZON1 ZON0
INV
RES
SPIN2
SPIN1
SPIN0
62h
U
5Fh
R/W
Fan1 Range/Frequency
RAN3 RAN2 RAN1 RAN0 HLFRQ
FRQ2
FRQ1
FRQ0
C4h
U
60h
R/W
Fan2 Range/Frequency
RAN3 RAN2 RAN1 RAN0 HLFRQ
FRQ2
FRQ1
FRQ0
C4h
U
61h
R/W
Fan3 Range/Frequency
RAN3 RAN2 RAN1 RAN0 HLFRQ
FRQ2
FRQ1
FRQ0
C4h
U
62h
R/W
Min/Off, Zone1 Spike
Smoothing
OFF3
OFF2 OFF1
RES
ZN1E
ZN1-2
ZN1-1
ZN1-0
00H
U
63h
R/W
Zone2, Zone3 Spike
Smoothing
ZN2E ZN2-2 ZN2-1 ZN2-0
ZN3E
ZN3-2
ZN3-1
ZN3-0
00h
U
64h
R/W
Fan1 PWM Minimum
7
6
5
4
3
2
1
0
80h
U
65h
R/W
Fan2 PWM Minimum
7
6
5
4
3
2
1
0
80h
U
66h
R/W
Fan3 PWM Minimum
7
6
5
4
3
2
1
0
80h
U
67h
R/W
Zone1 Fan Temp Limit
7
6
5
4
3
2
1
0
5Ah
U
68h
R/W
Zone2 Fan Temp Limit
7
6
5
4
3
2
1
0
5Ah
U
69h
R/W
Zone3 Fan Temp Limit
7
6
5
4
3
2
1
0
5Ah
U
6Ah
R/W
Zone1 Temp Absolute
Limit
7
6
5
4
3
2
1
0
64h
U
6Bh
R/W
Zone2 Temp Absolute
Limit
7
6
5
4
3
2
1
0
64h
U
6Ch
R/W
Zone3 Temp Absolute
Limit
7
6
5
4
3
2
1
0
64h
U
6Dh
R/W
Zone1, Zone2 Hysteresis
H1-3
H1-2
H1-1
H1-0
H2-3
H2-2
H2-1
H2-0
44h
U
6Eh
R/W
Zone3 Hysteresis
H3-3
H3-2
H3-1
H3-0
RES
RES
RES
RES
40h
U
www.national.com
10


Số phần tương tự - LM96000CIMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96000CIMT/NOPB TI1-LM96000CIMT/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
LM96000CIMTX/NOPB TI1-LM96000CIMTX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
More results

Mô tả tương tự - LM96000CIMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
Texas Instruments
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
   Hardware KBC with ACPI, Temp. and Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com