công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54FCT245TPG bảng dữ liệu(PDF) 6 Page - Integrated Device Technology

tên linh kiện 54FCT245TPG
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT245TPG bảng dữ liệu(HTML) 6 Page - Integrated Device Technology

  54FCT245TPG Datasheet HTML 1Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 2Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 3Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 4Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 5Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 6Page - Integrated Device Technology 54FCT245TPG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
6
IDT54/74FCT245T/AT/CT
FASTCMOSOCTALBIDIRECTIONALTRANSCEIVER
Pulse
Generator
R T
D.U.T
.
V CC
VIN
C L
VOUT
50pF
500W
500W
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Octal Link
Octal Link
Octal Link
Octal Link
Octal Link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
Set-Up, Hold, and Release Times
Pulse Width
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.


Số phần tương tự - 54FCT245TPG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245D NSC-54FCT245D Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245DMQB NSC-54FCT245DMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245F NSC-54FCT245F Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245FMQB NSC-54FCT245FMQB Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Mô tả tương tự - 54FCT245TPG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com