công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54FCT244TPGBGB bảng dữ liệu(PDF) 5 Page - Integrated Device Technology

tên linh kiện 54FCT244TPGBGB
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT244TPGBGB bảng dữ liệu(HTML) 5 Page - Integrated Device Technology

  54FCT244TPGBGB Datasheet HTML 1Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 2Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 3Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 4Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 5Page - Integrated Device Technology 54FCT244TPGBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
5
Pulse
Generator
R T
D.U.T
.
V CC
VIN
C L
VOUT
50pF
500W
500W
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Octal Link
Octal Link
Octal Link
Octal Link
Octal Link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
Set-Up, Hold, and Release Times
Pulse Width
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.


Số phần tương tự - 54FCT244TPGBGB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Rochester Electronics
54FCT244 ROCHESTER-54FCT244 Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
logo
National Semiconductor ...
54FCT244D NSC-54FCT244D Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Rochester Electronics
54FCT244DM ROCHESTER-54FCT244DM Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
54FCT244DMQB ROCHESTER-54FCT244DMQB Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
More results

Mô tả tương tự - 54FCT244TPGBGB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com