công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT540T bảng dữ liệu(PDF) 1 Page - Integrated Device Technology

tên linh kiện 74FCT540T
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT540T bảng dữ liệu(HTML) 1 Page - Integrated Device Technology

  74FCT540T Datasheet HTML 1Page - Integrated Device Technology 74FCT540T Datasheet HTML 2Page - Integrated Device Technology 74FCT540T Datasheet HTML 3Page - Integrated Device Technology 74FCT540T Datasheet HTML 4Page - Integrated Device Technology 74FCT540T Datasheet HTML 5Page - Integrated Device Technology 74FCT540T Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
1
NOVEMBER 2016
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5588/7
FEATURES:
• A and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Power off disable outputs permit "live insertion"
• Available in SOIC and QSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FCT540AT/CT
FAST CMOS OCTAL
BUFFER/LINE DRIVER
DESCRIPTION:
The IDT octal buffer/line driver is built using an advanced dual metal
CMOS technology. The FCT540T is similar in function to the FCT240T,
exceptthattheinputsandoutputsareonoppositesidesofthepackage. This
pinout arrangement makes these devices especially useful as output ports
for microprocessors and as backplane drivers, allowing ease of layout and
greater board density.
D0
D2
D3
D4
D5
D6
D7
D1
O1
OEB
OEA
O0
O2
O3
O4
O5
O6
O7


Số phần tương tự - 74FCT540T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Renesas Technology Corp
74FCT540AT RENESAS-74FCT540AT Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATQG RENESAS-74FCT540ATQG Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATQG8 RENESAS-74FCT540ATQG8 Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATSOG RENESAS-74FCT540ATSOG Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
More results

Mô tả tương tự - 74FCT540T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
IDT54FCT244 IDT-IDT54FCT244 Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com