công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74SSTVF16859GRG4 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74SSTVF16859GRG4
Giải thích chi tiết về linh kiện  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16859GRG4 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SN74SSTVF16859GRG4 Datasheet HTML 4Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 5Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 6Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 7Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 8Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 9Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 10Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 11Page - Texas Instruments SN74SSTVF16859GRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
74SSTVF16859G4RG4
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
HPA00025S8
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
SN74SSTVF16859G4R
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
SN74SSTVF16859GR
ACTIVE
TSSOP
DGG
64
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
SSTVF16859
SN74SSTVF16859GRG4
ACTIVE
TSSOP
DGG
64
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
0 to 70
SSTVF16859
SN74SSTVF16859S8
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
SN74SSTVF16859S8G3
ACTIVE
VQFN
RGQ
56
2000
Green (RoHS
& no Sb/Br)
CU
Level-3-260C-168 HR
0 to 70
SSF859
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Số phần tương tự - SN74SSTVF16859GRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74SSTVF16859GRG4 TI-SN74SSTVF16859GRG4 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859GRG4 TI1-SN74SSTVF16859GRG4 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

Mô tả tương tự - SN74SSTVF16859GRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com