công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP101-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
TMP101-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 29 page 4 TMP100-Q1, TMP101-Q1 SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017 www.ti.com Product Folder Links: TMP100-Q1 TMP101-Q1 Submit Documentation Feedback Copyright © 2011–2017, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Input voltage rating applies to all TMP100-Q1 and TMP101-Q1 input voltages. 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Power supply, V+ 7.5 V Input voltage(2) –0.5 7.5 V Operating temperature –55 125 °C Junction temperature, TJ 150 °C Storage temperature, Tstg –60 150 °C (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per AEC Q100-002 (1) ±2000 V Charged-device model (CDM), per AEC Q100-011 ±750 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT Supply voltage 2.7 5.5 V Operating free-air temperature, TA –55 125 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 7.4 Thermal Information THERMAL METRIC(1) TMP100-Q1, TMP101-Q1 UNIT DBV (SOT-23) 6 PINS RθJA Junction-to-ambient thermal resistance 182.9 °C/W RθJC(top) Junction-to-case (top) thermal resistance 115 °C/W RθJB Junction-to-board thermal resistance 30.2 °C/W ψJT Junction-to-top characterization parameter 17.1 °C/W ψJB Junction-to-board characterization parameter 29.7 °C/W |
Số phần tương tự - TMP101-Q1 |
|
Mô tả tương tự - TMP101-Q1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |