công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP100-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TMP100-Q1
Giải thích chi tiết về linh kiện  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TMP100-Q1_17 Datasheet HTML 1Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 2Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 3Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 4Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 5Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 6Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 7Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 8Page - Texas Instruments TMP100-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TMP100-Q1, TMP101-Q1
www.ti.com
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
7.5 Electrical Characteristics
At TA = −55°C to 125°C and V+ = 2.7 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–55
125
°C
Accuracy (temperature error)
−25°C to 85°C
±0.5
±2
°C
−55°C to 125°C
±1
±2
Accuracy (temperature error) vs supply
0.2
±0.5
°C/V
Resolution
Selectable
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
High-level input logic
0.7 (V+)
6
V
VIL
Low-level input logic
−0.5
0.3 (V+)
V
IIN
Input current
0 V
≤ VIN ≤ 6 V
1
µA
VOL
Low-level output logic SDA
IOL = 3 mA
0
0.15
0.4
V
VOL
Low-level output logic ALERT
IOL = 4 mA
0
0.15
0.4
V
Resolution
Selectable
9
12
Bits
Conversion time
9 bits
40
75
ms
10 bits
80
150
11 bits
160
300
12 bits
320
600
Conversion rate
9 bits
25
s/s
10 bits
12
11 bits
6
12 bits
3
POWER SUPPLY
Operating range
2.7
5.5
V
IQ
Quiescent current
Serial bus inactive
45
75
µA
Serial bus active, SCL frequency = 400 kHz
70
Serial bus active, SCL frequency = 3.4 MHz
150
ISD
Shutdown current
Serial bus inactive
0.1
13
µA
Serial bus active, SCL frequency = 400 kHz
20
Serial bus active, SCL frequency = 3.4 MHz
100
TEMPERATURE RANGE
Specified range
–55
125
°C
Storage range
–60
150
°C


Số phần tương tự - TMP100-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Mô tả tương tự - TMP100-Q1_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com