công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74SSTVF16859 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
SN74SSTVF16859 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 16 page SN74SSTVF16859 13BIT TO 26BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS SCES429B − MARCH 2003 − REVISED FEBRUARY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) All inputs are SSTL_2, except the LVCMOS reset (RESET) input. All outputs are edge-controlled LVCMOS circuits optimized for unterminated DIMM loads. The SN74SSTVF16859 operates from a differential clock (CLK and CLK). Data are registered at the crossing of CLK going high and CLK going low. The device supports low-power standby operation. When RESET is low, the differential input receivers are disabled, and undriven (floating) data, clock, and reference voltage (VREF) inputs are allowed. In addition, when RESET is low, all registers are reset and all outputs are forced low. The LVCMOS RESET input always must be held at a valid logic high or low level. To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in the low state during power up. RGQ PACKAGE (TOP VIEW) Q7A Q6A Q5A Q4A Q3A Q2A Q1A Q13B VDDQ Q12B Q11B Q10B Q9B Q8B D10 D9 D8 D7 RESET GND CLK CLK VDDQ VCC VREF D6 D5 D4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 42 41 40 39 38 37 36 35 34 33 32 31 30 29 GND† † The center die pad must be connected to GND. FUNCTION TABLE INPUTS OUTPUT RESET CLK CLK D OUTPUT Q H ↑ ↓ H H H ↑↓ LL H L or H L or H X Q0 L X or floating X or floating X or floating L |
Số phần tương tự - SN74SSTVF16859 |
|
Mô tả tương tự - SN74SSTVF16859 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |