công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C16M16MD1 bảng dữ liệu(PDF) 49 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C16M16MD1
Giải thích chi tiết về linh kiện  Programmable output buffer driver strength
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16MD1 bảng dữ liệu(HTML) 49 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16MD1 Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 53Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
AS4C16M16MD1
256Mb MOBILE DDR SDRAM
DQS on one transition followed by the worst case pull-in of DQ on the next transition, both of which are, separately, due
to data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers.
12. The only time that the clock frequency is allowed to change is during clock stop, power-down or self-refresh modes.
13. The transition time for DQ, DM and DQS inputs is measured between VIL(DC) to VIH(AC) for rising input signals, and
VIH(DC) to VIL(AC) for falling input signals.
14. DQS, DM and DQ input slew rate is specified to prevent double clocking of data and preserve setup and hold times.
Signal transitions through the DC region must be monotonic.
15. Input slew rate ≥ 1.0 V/ns.
16. Input slew rate ≥ 0.5 V/ns and < 1.0 V/ns.
17. These parameters guarantee device timing but they are not necessarily tested on each device.
18. The transition time for address and command inputs is measured between VIH and VIL.
19. tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not
referred to a specific voltage level, but specify when the device is no longer driving (HZ), or begins driving (LZ).
20. tDQSQ consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers for
any given cycle.
21. The specific requirement is that DQS be valid (HIGH, LOW, or some point on a valid transition) on or before the
corresponding CK edge. A valid transition is defined as monotonic and meeting the input slew rate specifications of the
device. When no writes were previously in progress on the bus, DQS will be transitioning from Hi-Z to logic LOW. If a
previous write was in progress, DQS could be HIGH, LOW, or transitioning from HIGH to LOW at this time, depending on
tDQSS.
22. The maximum limit for this parameter is not a device limit. The device operates with a greater value for this parameter,
but system performance (bus turnaround) will degrade accordingly.
23. A low level on DQS may be maintained during High-Z states (DQS drivers disabled) by adding a weak pull-down element
in the system. It is recommended to turn off the weak pull-down element during read and write bursts (DQS drivers
enabled).
24. At least one clock cycle is required during tWR time when in auto precharge mode.
25. Minimum 3 clocks of tDAL (=tWR + tRP) is required because it need minimum 2 clocks for tWR and minimum 1 clock for
tRP.
tDAL = (tWR/tCK) + (tRP/tCK): for each of the terms above, if not already an integer, round to the next higher integer.
26. There must be at least two clock pulses during the tXSR period.
27. There must be at least one clock pulse during the tXP period.
28. tREFI values are dependence on density and bus width.
29. A maximum of 8 Refresh commands can be posted to any given M, meaning that the maximum absolute interval
between any Refresh command and the next Refresh command is 8*tREFI.
CAS Latency Definition (With CL=3)
Mar, 28, 2013
- 49 -


Số phần tương tự - AS4C16M16MD1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alliance Semiconductor ...
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5BCN ALSC-AS4C16M16D1-5BCN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5BIN ALSC-AS4C16M16D1-5BIN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5TCN ALSC-AS4C16M16D1-5TCN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5TIN ALSC-AS4C16M16D1-5TIN Datasheet
1Mb / 67P
   Fully synchronous operation
More results

Mô tả tương tự - AS4C16M16MD1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
Alliance Semiconductor ...
2GB-DDR2-AS4C256M8D2 ALSC-2GB-DDR2-AS4C256M8D2 Datasheet
2Mb / 70P
   Weak Strength Data-Output Driver Option
logo
National Semiconductor ...
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com