công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C16M16MD1 bảng dữ liệu(PDF) 47 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C16M16MD1
Giải thích chi tiết về linh kiện  Programmable output buffer driver strength
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16MD1 bảng dữ liệu(HTML) 47 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16MD1 Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 51Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
AS4C16M16MD1
256Mb MOBILE DDR SDRAM
8.5 AC Timings
[Recommended Operating Conditions: Notes 1-9]
PARAMETER
SYMBOL
- 5
- 6
- 75
UNIT
NOTES
MIN
MAX
MIN
MAX
MIN
MAX
DQ output access time
from CK/
CK
CL=3
tAC
2.0
5.0
2.0
5.0
2.0
6.0
ns
CL=2
2.0
6.5
2.0
6.5
2.0
6.5
DQS output access time from
CK/
CK
CL=3
tDQSCK
2.0
5.0
2.0
5.0
2.0
6.0
ns
CL=2
2.0
6.5
2.0
6.5
2.0
6.5
Clock high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock half period
tHP
Min
(tCL, tCH)
Min
(tCL, tCH)
Min
(tCL, tCH)
ns
10,11
Clock cycle time
CL=3
tCK
5
6
7.5
ns
12
CL=2
12
12
12
ns
12
DQ and DM input setup
time
fast slew rate
tDS
0.48
0.6
0.8
ns
13,14,15
slow slew rate
0.58
0.7
0.9
ns
13,14,16
DQ and DM input hold time
fast slew rate
tDH
0.48
0.6
0.8
ns
13,14,15
slow slew rate
0.58
0.7
0.9
ns
13,14,16
DQ and DM input pulse width
tDIPW
1.6
1.6
1.8
ns
17
Address and control input
setup time
fast slew rate
tIS
0.9
1.1
1.3
ns
15,18
slow slew rate
1.1
1.3
1.5
ns
16,18
Address and control input
hold time
fast slew rate
tIH
0.9
1.1
1.3
ns
15,18
slow slew rate
1.1
1.3
1.5
ns
16,18
Address and control input pulse width
tIPW
2.3
2.6
2.6
ns
17
DQ & DQS low-impedance time from CK/
CK
tLZ
1.0
1.0
1.0
ns
19
DQ & DQS high-impedance
time from CK/
CK
CL=3
tHZ
5.0
5.0
6.0
ns
19
CL=2
6.5
6.5
6.5
DQS-DQ skew
tDQSQ
0.4
0.5
0.6
ns
20
DQ/DQS output hold time from DQS
tQH
tHP-tQHS
tHP-tQHS
tHP-tQHS
ns
11
Data hold skew factor
tQHS
0.5
0.65
0.75
ns
11
Write command to 1st DQS latching
transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS input high-level width
tDQSH
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS input low-level width
tDQSL
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
0.2
tCK
MODE REGISTER SET command period
tMRD
2
2
2
tCK
Write preamble setup time
tWPRES
0
0
0
ns
21
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
22
Write preamble
tWPRE
0.25
0.25
0.25
tCK
Read preamble
CL = 3
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
23
CL = 2
0.5
1.1
0.5
1.1
0.5
1.1
tCK
23
Read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
ACTIVE to PRECHARGE command period
tRAS
40
70,000
42
70,000
45
70,000
ns
ACTIVE to ACTIVE command period
tRC
tRAS+
tRP
tRAS+
tRP
tRAS+
tRP
ns
AUTO REFRESH to ACTIVE/AUTO
REFRESH command period
tRFC
72
72
72
ns
ACTIVE to READ or WRITE delay
tRCD
15
18
22.5
ns
Mar, 28, 2013
- 47 -


Số phần tương tự - AS4C16M16MD1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alliance Semiconductor ...
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5BCN ALSC-AS4C16M16D1-5BCN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5BIN ALSC-AS4C16M16D1-5BIN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5TCN ALSC-AS4C16M16D1-5TCN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5TIN ALSC-AS4C16M16D1-5TIN Datasheet
1Mb / 67P
   Fully synchronous operation
More results

Mô tả tương tự - AS4C16M16MD1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
Alliance Semiconductor ...
2GB-DDR2-AS4C256M8D2 ALSC-2GB-DDR2-AS4C256M8D2 Datasheet
2Mb / 70P
   Weak Strength Data-Output Driver Option
logo
National Semiconductor ...
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com