công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C16M16MD1 bảng dữ liệu(PDF) 41 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C16M16MD1
Giải thích chi tiết về linh kiện  Programmable output buffer driver strength
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16MD1 bảng dữ liệu(HTML) 41 Page - Alliance Semiconductor Corporation

Back Button AS4C16M16MD1 Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 40Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C16M16MD1 Datasheet HTML 45Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
AS4C16M16MD1
256Mb MOBILE DDR SDRAM
7.13 Deep Power Down
The Deep Power-Down (DPD) mode enables very low standby currents. All internal voltage generators inside the LPDDR
SDRAM are stopped and all memory data is lost in this mode. All the information in the Mode Register and the Extended Mode
Register is lost.
Deep Power-Down is entered using the BURST TERMINATE command (see Figure 21) except that CKE is registered Low. All
banks must be in idle state with no activity on the data bus prior to entering the DPD mode. While in this state, CKE must be
held in a constant Low state.
To exit the DPD mode, CKE is taken high after the clock is stable and NOP commands must be maintained for at least 200 μs.
After 200 μs a complete re-initialization is required following steps 4 through 11 as defined for the initialization sequence.
Deep Power-Down entry and exit is shown in Figure 38.
Figure 38 — Deep Power-Down Entry and Exit
Mar, 28, 2013
- 41 -


Số phần tương tự - AS4C16M16MD1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alliance Semiconductor ...
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5BCN ALSC-AS4C16M16D1-5BCN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5BIN ALSC-AS4C16M16D1-5BIN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5TCN ALSC-AS4C16M16D1-5TCN Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16D1-5TIN ALSC-AS4C16M16D1-5TIN Datasheet
1Mb / 67P
   Fully synchronous operation
More results

Mô tả tương tự - AS4C16M16MD1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
Alliance Semiconductor ...
2GB-DDR2-AS4C256M8D2 ALSC-2GB-DDR2-AS4C256M8D2 Datasheet
2Mb / 70P
   Weak Strength Data-Output Driver Option
logo
National Semiconductor ...
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
   Triple, High Output, Programmable Gain Buffer
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_15 Datasheet
173Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
   BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com