công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMT49413GEVATR bảng dữ liệu(PDF) 6 Page - Allegro MicroSystems

tên linh kiện AMT49413GEVATR
Giải thích chi tiết về linh kiện  3-Phase BLDC Controller and MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413GEVATR bảng dữ liệu(HTML) 6 Page - Allegro MicroSystems

Back Button AMT49413GEVATR Datasheet HTML 2Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 3Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 4Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 5Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 6Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 7Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 8Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 9Page - Allegro MicroSystems AMT49413GEVATR Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
CURRENT LIMIT
Reference Comparator Input Offset Voltage
VIOC
–15
0
15
mV
Reference Input Clamp Voltage
VREFC
External pull-up to 5 V RREF = 200 kΩ
3.75
4
4.2
V
Comparator Blank Time
tRC
RT= 56 kΩ, CT = 470 pF
650
ns
REF Input Bias Current
IIBREF
0
µA
RC Charge Current2
IRC
–1.15
–1
–0.85
mA
RC HIgh Voltage Threshold
VRCH
1.7
1.9
2.1
V
RC Low Voltage Threshold
VRCL
0.6
0.7
0.8
V
PROTECTION
VREG Undervoltage Lockout
VREGUV
VREG rising
7.5
8
8.5
V
VREG falling
6.75
7.25
7.75
V
Bootstrap Capacitor Undervoltage Lockout
VBOOTUV
VBOOT falling, VCx – VSx
59
69
%
Bootstrap Capacitor Undervoltage Lockout
Hysteresis
VBOOTUVHys
VBOOTUVHys = %VREG
13
%
V5 Undervoltage Lockout
V5UV
V5 falling
3.4
3.65
4.0
V
V5 Undervoltage Lockout Hysteresis
V5UVHys
300
400
500
mV
VDSTH Input Voltage Range
VDSTH
0.3
4
V
VDSTH Input Current2
IDSTH
–1
1
µA
VDRAIN Input Voltage Range
VDRAIN
7
VBB
45
V
Short-to-Ground Threshold Offset3,5
VSTGO
VDSTH > 1 V
±300
mV
VDSTH ≤ 1 V, 7 V ≤ VDRAIN ≤ 30 V
–150
150
mV
Short-to-Battery Threshold Offset4,5
VSTBO
VDSTH > 1 V
±300
mV
VDSTH ≤ 1 V, 7 V ≤ VDRAIN ≤ 30 V
–150
150
mV
Low Load Current Detection Voltage
VCSOL
500
mV
Overtemperature Flag
TJF
Temperature increasing
170
ºC
Overtemperature Flag Hysteresis
TJFHys
Recovery = TJF – TJFHys
15
ºC
1
Function is correct but parameters not guaranteed above or below general limits (7 to 45 V).
2
For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.
3
High-side on. As VSX decreases, fault occurs if VBAT – VSX > VSTG .
4
Low-side on. As VSX increases, fault occurs if VSX – VLSS > VSTB .
5
VSTG threshold is VDTSTH + VSTGO. VSTB threshold is VDTSTH + VSTBO .
ELECTRICAL CHARACTERISTICS (continued): Valid at TA = 25°C, VBB = 7 to 45 V, unless otherwise noted


Số phần tương tự - AMT49413GEVATR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49106KJPTR ALLEGRO-AMT49106KJPTR Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49107 ALLEGRO-AMT49107 Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-3-T ALLEGRO-AMT49107KEVSR-3-T Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-5-T ALLEGRO-AMT49107KEVSR-5-T Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
More results

Mô tả tương tự - AMT49413GEVATR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com