công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMT49413 bảng dữ liệu(PDF) 9 Page - Allegro MicroSystems

tên linh kiện AMT49413
Giải thích chi tiết về linh kiện  3-Phase BLDC Controller and MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413 bảng dữ liệu(HTML) 9 Page - Allegro MicroSystems

Back Button AMT49413 Datasheet HTML 5Page - Allegro MicroSystems AMT49413 Datasheet HTML 6Page - Allegro MicroSystems AMT49413 Datasheet HTML 7Page - Allegro MicroSystems AMT49413 Datasheet HTML 8Page - Allegro MicroSystems AMT49413 Datasheet HTML 9Page - Allegro MicroSystems AMT49413 Datasheet HTML 10Page - Allegro MicroSystems AMT49413 Datasheet HTML 11Page - Allegro MicroSystems AMT49413 Datasheet HTML 12Page - Allegro MicroSystems AMT49413 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ally be the direction of mechanical rotation. With a motor that has
a high inertial load, the DIR input can be used to apply a con-
trolled breaking torque, when fast decay is used (MODE = 0).
BRAKE. An active-low input that provides a braking function.
WhenBRAKE=0(seeTable3),allthelow-sideFETsareturned
on and the high-side FETs are turned off. This effectively short-
circuits the back EMF in the windings, and brakes the motor.
The braking torque applied depends on the speed. RESET = 0 or
COAST=0overridesBRAKEandcoaststhemotor.Notethat
whenBRAKEisusedtodynamicallybrakethemotor,thewind-
ings are shorted with no control over the winding current.
ESF. The state of the enable stop on fault (ESF) pin determines
the action taken when a short is detected. See the Diagnostics
section for details.
TEST. Test is for Allegro production use and must be connected
to AGND.
Current Regulation
Load current can be regulated by an internal fixed frequency
PWM control circuit or by external input on the PWM pin.
Current Sense Amplifier: CSP, CSN, and CSOUT. A dif-
ferential current sense amplifier with a gain, AV, of 19 typical, is
provided to allow the use of low-value sense resistors or current
shunts as the current sensing elements. Because the output of
this sense amplifier is available at CSOUT, it can be used for
either internal or external current sensing. With the sense resistor,
RSENSE, connected between CSP and CSN, the output of the
sense amplifier will be approximately:
VCSOUT≈(ILOAD×AV×RSENSE)+VOOS ,
where VOOS is the output offset voltage (the voltage at zero load
current), and AV is the differential voltage gain of the sense
amplifier, 19 typical.
Internal Current Control: REF. A fixed reference voltage
can be applied to provide a maximum current limit. A variable
reference voltage will provide a variable torque control. The
output voltage of the current sense differential amplifier, VCSOUT,
is compared to the reference voltage available on the REF
pin. When the outputs of the MOSFETs are turned on, current
increases in the motor winding until it reaches a trip point value,
ITRIP, given by:
ITRIP = (VREF – VOOS) / (RSENSE×AV) .
At the trip point, the sense comparator resets the source enable
latch, turning off the source driver. At this point, load inductance
causes the current to recirculate until the start of the next PWM
period.
The current path during recirculation is determined by the
configuration of the MODE pin. Torque control can therefore be
implemented by varying the voltage on the REF pin, provided
that the PWM input remains high. If direct control of the torque
or current by PWM input is desired, a voltage can be applied to
the REF pin to set an absolute maximum current limit. The REF
input is internally limited to 4 V, which allows the use of a simple
pull-up resistor to V5, RREF, to set the maximum reference
voltage, avoiding the need for an externally generated reference
voltage.RREFshouldhaveavaluebetween20and200kΩ.
Internal PWM Frequency. The internal oscillator frequency,
fOSC, is determined by an external resistor, RT, and capacitor, CT,
connected in parallel from the RC pin to AGND. The frequency
is approximately:
fOSC≈1/(RTCT+tBLANK+tDEAD) .
where fOSCintherange20to50kHz.
PWM Input. Can be used to control the motor torque by an
external control circuit signal on the PWM pin. Referring to
Table 3, when PWM = 0, the selected drivers are turned off and
the load inductance causes the current to recirculate. The current
path during recirculation is determined by the configuration of
the MODE pin. Setting PWM = 1 will turn on selected drivers as
determinedbytheHxinputlogic.HoldingPWM=1allowsspeed
and torque control solely by the internal current-limit circuit,
using the voltage on the REF pin.
In some circumstances, it may be desirable to completely disable
the internal PWM control. This can be done by pulling the RC
pin directly to AGND. This will disable the internal PWM oscil-
lator and ensure that the output of the PWM latch is always high.
Blank Time. When the source driver is turned on, a current
spike occurs due to the reverse-recovery currents of the clamp
diodes and switching transients related to distributed capaci-
tance in the load. To prevent this current spike from erroneously
resetting the source enable latch, the current-control comparator
output is blanked for a short period of time, tBLANK, when the
source driver is turned on.
The length of tBLANKis different for internal versus external
PWM. It is set by the value of the timing capacitor, CT, according
to the following formulas:


Số phần tương tự - AMT49413

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49106KJPTR ALLEGRO-AMT49106KJPTR Datasheet
2Mb / 74P
   Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49107 ALLEGRO-AMT49107 Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-3-T ALLEGRO-AMT49107KEVSR-3-T Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-5-T ALLEGRO-AMT49107KEVSR-5-T Datasheet
2Mb / 68P
   Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
More results

Mô tả tương tự - AMT49413

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com