công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9ZXL1950 bảng dữ liệu(PDF) 8 Page - Integrated Device Technology

tên linh kiện 9ZXL1950
Giải thích chi tiết về linh kiện  19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1950 bảng dữ liệu(HTML) 8 Page - Integrated Device Technology

Back Button 9ZXL1950_17 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1950_17 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE WITH 85OHM TERMINATIONS8
MAY 11, 2017
9ZXL1950 DATASHEET
Electrical Characteristics–Skew and Differential Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
CLK_IN, DIF[x:0]
tSPO_PLL
Input-to-Output Skew in PLL mode
nominal value @ 35°C, 3.3V, 100MHz
-150
-117
-50
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode
nominal value @ 35°C, 3.3V
2.5
3.6
4.5
ns
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_PLL
Input-to-Output Skew Varation in PLL mode
across voltage and temperature
-50
0
50
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_BYP
Input-to-Output Skew Varation in Bypass mode
across temperature for a given voltage
-250
0
250
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDTE
Random Differential Tracking error beween two
9ZX devices in Hi BW Mode
15
ps
(rms)
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSSTE
Random Differential Spread Spectrum Tracking
error beween two 9ZX devices in Hi BW Mode
5
75
ps
1,2,3,5,8
DIF[x:0]
tSKEW_ALL
Output-to-Output Skew across all outputs
(Common to Bypass and PLL mode). 100MHz
37
50
ps
1,2,3,8
PLL Jitter Peaking
jpeak-hibw
LOBW#_BYPASS_HIBW = 1
0
1.8
2.5
dB
7,8
PLL Jitter Peaking
jpeak-lobw
LOBW#_BYPASS_HIBW = 0
0
0.7
2
dB
7,8
PLL Bandwidth
pllHIBW
LOBW#_BYPASS_HIBW = 1
2
3.3
4
MHz
8,9
PLL Bandwidth
pllLOBW
LOBW#_BYPASS_HIBW = 0
0.7
1.2
1.4
MHz
8,9
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
@100MHz
0
0.7
1.5
%
1,10
PLL mode
12
50
ps
1,11
Additive Jitter in Bypass Mode
0
10
ps
1,11
Notes for preceding table:
6. t is the period of the input clock
7 Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
8. Guaranteed by design and characterization, not 100% tested in production.
9 Measured at 3 db down or half power point.
10 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
11 Measured from differential waveform
1 Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input.
2 Measured from differential cross-point to differential cross-point. This parameter can be tuned with external feedback path, if present.
3 All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4 This parameter is deterministic for a given device
5 Measured with scope averaging on to find mean value.
Jitter, Cycle to cycle
tjcyc-cyc


Số phần tương tự - 9ZXL1950_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
More results

Mô tả tương tự - 9ZXL1950_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com