công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12DJ3200AAVT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12DJ3200AAVT
Giải thích chi tiết về linh kiện  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ3200AAVT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC12DJ3200AAVT Datasheet HTML 1Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 2Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 3Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 4Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 5Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 6Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 7Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 8Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
Input Frequency (GHz)
0
2
4
6
8
10
12
-15
-12
-9
-6
-3
0
3
D_BW
Single Channel Mode
Dual Channel Mode
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
ADC12DJ3200
SLVSD97 – MAY 2017
ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel,
12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
1
1 Features
1
ADC Core:
12-bit Resolution
Up to 6.4 GSPS in single channel mode
Up to 3.2 GSPS in dual channel mode
Buffered Analog Inputs with VCMI of 0 V
Analog input bandwidth (-3 dB): 8.0 GHz
Usable input frequency range: >10 GHz
Full-scale input voltage (VFS, default): 0.8 VPP
Noise Floor (No signal, VFS = 1.0 VPP):
Dual channel mode: -151.8 dBFS/Hz
Single channel mode: -154.6 dBFS/Hz
Noiseless Aperture Delay (TAD) Adjustment
Precise sampling control: 19-fs step
Temperature and voltage invariant delays
Easy-to-use Synchronization Features
Automatic SYSREF timing calibration
Timestamp for sample marking
JESD204B Serial Data Interface
Supports subclass 0 and 1
Maximum lane rate: 12.8 Gbps
Up to 16 lanes allows reduced lane rate
Digital Down-Converters in Dual Channel Mode
Real output: DDC bypass or 2x decimation
Complex output: 4x, 8x or 16x decimation
Four independent 32-bit NCOs per DDC
Power consumption: 3.0 W
Power Supplies: 1.1 V, 1.9 V
2 Applications
Communications testers (802.11ad, 5G)
Satellite communications (SATCOM)
Phased array radar, SIGINT and ELINT
Synthetic aperture radar (SAR)
Time-of-flight and LIDAR distance measurement
Oscilloscopes and wideband digitizers
RF sampling software defined radio (SDR)
3 Description
ADC12DJ3200 is an RF-sampling giga-sample ADC
that can directly sample input frequencies from DC to
above 10 GHz. In dual channel mode, ADC12DJ3200
can sample up to 3200-MSPS and in single channel
mode up to 6400-MSPS. Programmable tradeoffs in
channel count (dual channel mode) and Nyquist
bandwidth (single channel mode) allow development
of flexible hardware that meets the needs of both high
channel
count
or
wide
instantaneous
signal
bandwidth applications. Full power input bandwidth (-
3 dB) of 8.0 GHz, with usable frequencies exceeding
the -3 dB point in both dual and single channel
modes, allows direct RF sampling of L-band, S-band,
C-band and X-band for frequency agile systems.
ADC12DJ3200 uses a high speed JESD204B output
interface with up to 16 serialized lanes and subclass-
1 compliance for deterministic latency and multi-
device synchronization. The serial output lanes
support up to 12.8 Gbps and can be configured to
trade-off bit rate and number of lanes. Innovative
synchronization features including noiseless aperture
delay (TAD) adjustment and SYSREF windowing
simplify system design for phased array radar and
MIMO
communications.
Optional
digital
down
converters (DDCs) in dual channel mode allow for
reduction
in
interface
rate
(real
and
complex
decimation modes) and digital mixing of the signal
(complex decimation modes only).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC12DJ3200
FCBGA (144) 10.00 mm x 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
ADC12DJ3200 Measured Input Bandwidth


Số phần tương tự - ADC12DJ3200AAVT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Mô tả tương tự - ADC12DJ3200AAVT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com