công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12DJ3200 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12DJ3200
Giải thích chi tiết về linh kiện  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ3200 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADC12DJ3200 Datasheet HTML 7Page - Texas Instruments ADC12DJ3200 Datasheet HTML 8Page - Texas Instruments ADC12DJ3200 Datasheet HTML 9Page - Texas Instruments ADC12DJ3200 Datasheet HTML 10Page - Texas Instruments ADC12DJ3200 Datasheet HTML 11Page - Texas Instruments ADC12DJ3200 Datasheet HTML 12Page - Texas Instruments ADC12DJ3200 Datasheet HTML 13Page - Texas Instruments ADC12DJ3200 Datasheet HTML 14Page - Texas Instruments ADC12DJ3200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
11
ADC12DJ3200
www.ti.com
SLVSD97 – MAY 2017
Product Folder Links: ADC12DJ3200
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics - DC Specifications
Typical values at TA = +25°C, VA19 = 1.9V, VA11 = 1.1V, VD11 = 1.1V, default full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xA000), input signal applied to INA+/– in single channel modes, fIN = 248 MHz, fCLK = maximum rated clock
frequency, filtered 1-Vpp sine-wave clock, background calibration, unless otherwise noted. Minimum and maximum values are
at nominal supply voltages and over operating free-air temperature range provided in Recommended Operating Conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
Resolution with no missing codes
12
bits
DNL
Differential nonlinearity
±0.3
LSB
INL
Integral nonlinearity
±2.5
LSB
ANALOG INPUTS (INA+, INA–, INB+, INB–)
VOFF
Offset Error
Default full-scale voltage, OS_CAL disabled
±0.6
mV
VOFF_ADJ
Input offset voltage
adjustment range
Available offset correction range (see OS_CAL or
OADJ_x_INx)
±55
mV
VOFF_DRI
FT
Offset Drift
Foreground calibration at nominal temperature only
23
µV/°C
Foreground calibration at each temperature
0
µV/°C
VIN_FSR
Analog differential input full
scale range
Default full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xA000)
750
800
850
mVPP
Maximum full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0xFFFF)
1000
1040
mVPP
Minimum full-scale voltage (FS_RANGE_A =
FS_RANGE_B = 0x2000)
480
500
mVPP
VIN_FSR_
DRIFT
Analog differential input full
scale range drift
Default FS_RANGE_A and FS_RANGE_B setting,
foreground calibration at nominal temperature only,
inputs driven by 50-Ω source, includes effect of RIN
drift
-0.01
%/°C
Default FS_RANGE_A and FS_RANGE_B setting,
foreground calibration at each temperature, inputs
driven by 50-Ω source, includes effect of RIN drift
0.03
%/°C
VIN_FSR_
MATCH
Analog differential input full
scale range matching
Matching between INA+/INA– and INB+/INB–,
default setting, dual channel mode
0.625
%
RIN
Single-ended input resistance
to AGND
Each input terminal is terminated to AGND
48
50
52
Ω
RIN_TEMP
CO
Input termination linear temperature coefficient
17.6
mΩ/°C
CIN
Single-ended input
capacitance
Single channel mode at DC
0.4
pF
Dual channel mode at DC
0.4
pF
TEMPERATURE DIODE CHARACTERISTICS (TDIODE+, TDIODE–)
ΔVBE
Temperature diode voltage
slope
Forced forward current of 100 µA. Offset voltage
(approx. 0.792 V at 0°C) varies with process and
must be measured for each part. Offset
measurement should be done with the device
unpowered or with the PD pin asserted to minimize
device self-heating. PD pin should be asserted only
long enough to take the offset measurement.
-1.6
mV/°C
BANDGAP VOLTAGE OUTPUT (BG)
VBG
Reference output voltage
IL ≤ 100 µA
1.1
V
VBG_DRIF
T
Reference output
temperature drift
IL ≤ 100 µA
-64
µV/°C
CLOCK INPUTS (CLK+, CLK–, SYSREF+, SYSREF–, TMSTP+, TMSTP–)
ZT
Internal termination
Differential termination with DEVCLK_LVPECL_EN =
0, SYSREF_LVPECL_EN = 0 and
TMSTP_LVPECL_EN = 0
110
Ω
Single ended termination to GND (per pin) with
DEVCLK_LVPECL_EN = 0, SYSREF_LVPECL_EN
= 0 and TMSTP_LVPECL_EN = 0
55
Ω


Số phần tương tự - ADC12DJ3200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI-ADC12DJ3200 Datasheet
5Mb / 199P
[Old version datasheet]   ADC12DJ4000RF 8-GSPS Single-Channel or 4-GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Mô tả tương tự - ADC12DJ3200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com