công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS210 bảng dữ liệu(PDF) 1 Page - Nanjing International Group Co |
|
SS210 bảng dữ liệu(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page Maximum Instantaneous Forward Voltage at 2.0A MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig.1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) 2.0 50 0.5 20 70 -65 +125 -65 +150 -65 +150 A A V mA mA pF SS22 THRU SS22 0 UNITS Typical Thermal Resistance RqJA (Note 2) SS22 SS23 SS24 SS26 SS28 SS210 SS215 SS220 0.55 0.70 0.85 170 2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.063 grams VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere FEATURES * Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Low forward voltage drop C C C/W Operating Storage Temperature Range TSTG Temperature Range TJ V V V 20 30 40 6 0 8 0 100 150 200 20 30 40 60 80 100 150 200 14 21 28 42 56 70 105 140 *BothnormalandPbfree productareavailable: *Normal:80~95%Sn,5~20%Pb *Pbfree:99SnabovecanmeetRohsenviromentsubstance directiverequest Dimensions in inches and (millimeters) DO-214AA(SMB) .220(5.59) .200(5.08) .185(4.70) .160(4.06) .012(0.31) .006(0.15) .083(2.11) .075(1.91) .111(2.84) .091(2.33) .050(1.27) .030(0.76) .155(3.94) .130(3.30) .008 (.203) MAX. |
Số phần tương tự - SS210 |
|
Mô tả tương tự - SS210 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |