công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V41315NLGI bảng dữ liệu(PDF) 1 Page - Integrated Device Technology

tên linh kiện 5V41315NLGI
Giải thích chi tiết về linh kiện  2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41315NLGI bảng dữ liệu(HTML) 1 Page - Integrated Device Technology

  5V41315NLGI Datasheet HTML 1Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 2Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 3Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 4Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 5Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 6Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 7Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 8Page - Integrated Device Technology 5V41315NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
IDT5V41315
IDT® 2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
1
IDT5V41315
MAY 8, 2017
Recommended Applications
PCIe Gen1-2-3 Synthesizer for Common and
SRNS-clocked systems
General Description
The IDT5V41315 is a PCIe Gen1-2-3 clock synthesizer
suitable for use in both Common-Clocked and Separate
Reference clock with No Spread (SRNS) timing
architectures. The IDT5V41315 uses a 25MHz input to
generate 4 different output frequencies. The output
frequency is selectable via select pins.
Output Features
2 - 0.7V current mode differential HCSL output pairs
Features/Benefits
16-pin TSSOP or VFQFPN package; small board
footprint
Outputs can be terminated to LVDS; can drive a wider
variety of devices
OE control pin; greater system power management
Industrial temperature range available; supports
demanding embedded applications
Key Specifications
Cycle-to-cycle jitter: 80ps
Output-to-output skew: <50 ps
PCIe Gen2 phase jitter: <3.0ps RMS (Common Clock)
PCIe Gen3 phase jitter: <1.0ps RMS (Common Clock)
Low Phase Noise: 12KHz to 20MHz <6ps RMS
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
S1:S0
2
CLK0
CLK0
Rr(IREF)
CLK1
CLK1
2
2
OE
Optional tuning crystal
capacitors


Số phần tương tự - 5V41315NLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
5V41315NLGI RENESAS-5V41315NLGI Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
5V41315NLGI8 RENESAS-5V41315NLGI8 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
More results

Mô tả tương tự - 5V41315NLGI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com