công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V41315PGGI8 bảng dữ liệu(PDF) 2 Page - Integrated Device Technology

tên linh kiện 5V41315PGGI8
Giải thích chi tiết về linh kiện  2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41315PGGI8 bảng dữ liệu(HTML) 2 Page - Integrated Device Technology

  5V41315PGGI8 Datasheet HTML 1Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 2Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 3Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41315PGGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDT5V41315
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
2
IDT5V41315
MAY 8, 2017
Pin Assignments
Output Select Table 1 (MHz)
Pin Descriptions
1
2
3
X2
4
S1
5
6
CLK0
7
8
CLK0
GNDODA
VDDXD
OE
NC
16
X1/ICLK
NC
CLK1
VDDODA
15
14
13
12
11
10
9
16-pin (173 mil) TSSOP
GNDXD
S0
IREF
CLK1
16 15 14 13
S1 1
12 GNDODA
NC 2
11 VDDODA
X1/CLK 3
10 CLK1
X2 4
9 CLK1#
56
78
16-pin VFQFPN
5V41315
S1
S0
CLK(1:0), CLK(1:0)
00
25M
0
1
100M
1
0
125M
1
1
200M
VFQFPN
Pin Number
TSSOP Pin
Number
Pin Name Pin Type Pin Description
16
1
S0
Input
Select pin 0. See Table1. Internal pull-up resistor.
1
2
S1
Input
Select pin 1. See Table 1. Internal pull-up resistor.
2
3
NC
--
No connect.
3
4
X1/ICLK
Input
Crystal or clock input. Connect to a 25 MHz crystal or single ended clock.
4
5
X2
Output
Crystal connection. Leave unconnected for clock input.
5
6
OE
Input
Output enable. Tri-states outputs and device is not shut down. Internal pull-up resistor.
6
7
GNDXD
Power
Connect to ground.
7
8
NC
--
No connect.
8
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current reference,
typically 475 ohm.
9
10
CLK1
Output
HCSL complementary clock output 1.
10
11
CLK1
Output
HCSL true clock output 1.
11
12
VDDODA
Power
Connect to voltage supply +3.3 V for output driver and analog circuits
12
13
GNDODA
Power
Connect to ground.
13
14
CLK0
Output
HCSL complementary clock output 0.
14
15
CLK0
Output
HCSL true clock output 0.
15
16
VDDXD
Power
Connect to voltage supply +3.3 V for crystal oscillator and digital circuit.


Số phần tương tự - 5V41315PGGI8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
5V41315PGGI8 RENESAS-5V41315PGGI8 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
More results

Mô tả tương tự - 5V41315PGGI8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com