công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS1020FL_R1_00001 bảng dữ liệu(PDF) 2 Page - Pan Jit International Inc. |
|
SS1020FL_R1_00001 bảng dữ liệu(HTML) 2 Page - Pan Jit International Inc. |
2 / 6 page PAGE . 2 May 18,2017REV.12 SS1020FL~SS10200FL 0 0.25 0.5 0.75 1 1.25 0 25 50 75 100 125 150 T C, Case Temperature (°C) 0.0001 0.001 0.01 0.1 1 10 100 20 40 60 80 100 Percent of Rated Peak Reverse Voltage (%) T J= 25°C T J = 75°C T J = 150°C T J = 125°C 20~40V Fig.3 Typical Reverse Characteristics Fig.1 Forward Current Derating Curve Fig.2 Typical Junction Capacitance 1 10 100 1000 0.1 1 10 100 V R, Reverse Bias Voltage (V) 20~40V 60V 150- 200V 100V 0.0001 0.001 0.01 0.1 1 10 100 20 40 60 80 100 T J = 25°C T J = 75°C T J = 125°C T J = 150°C 60V Percent of Rated Peak Reverse Voltage (%) Fig.4 Typical Reverse Characteristics Fig.7 Typical Forward Characteristics 0.1 1 0 0.2 0.4 0.6 0.8 V F, Forward Voltage (V) 20~40V T J = 150°C T J = 125°C T J = 25°C T J = 75°C 0.01 0.1 1 10 100 1000 20 40 60 80 100 T J= 25°C T J = 75°C T J = 150°C T J = 125°C 150-200V Percent of Rated Peak Reverse Voltage (%) Fig.6 Typical Reverse Characteristics Fig.8 Typical Forward Characteristics 0.1 1 0 0.2 0.4 0.6 0.8 V F, Forward Voltage (V) 60V T J = 150°C T J = 125°C T J = 25°C T J = 75°C Fig.5 Typical Reverse Characteristics 0.001 0.01 0.1 1 10 100 1000 20 40 60 80 100 T J = 25°C T J = 75°C T J = 125°C T J = 150°C 100V Percent of Rated Peak Reverse Voltage (%) |
Số phần tương tự - SS1020FL_R1_00001 |
|
Mô tả tương tự - SS1020FL_R1_00001 |