công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H-19 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd

tên linh kiện H-19
Giải thích chi tiết về linh kiện  20 kV operating voltage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

H-19 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd

  H-19 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7–77
KILOVAC High Voltage Relays
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
H-19/17 Series Make & Break Load Switching — 20/25 kV Relays
Ordering Information
Sample Part Number
H- 17 /12Vdc
Series:
Model:
H-19
H-17
Coil Voltage:
Blank = 26.5 Vdc
/12Vdc = 12 Vdc
/115Vdc = 115 Vdc
H-19
Product Facts
n 20 kV operating voltage
n Vacuum dielectric and
tungsten contacts for power
switching low current loads
n Double pole, double throw
contacts
n Available with corona shield
connectors
n Meets requirements of
MIL-R-83725
Product Specifications for
H-19 and H-17
Contact Arrangement —
H-19 — DPDT
H-17 — SPDT
Contact Form —
H-19 — 2C
H-17 — C
Test Voltage, DC or 60 Hz (Peak) —
H-19 — 25 kV
H-17 — 30 kV
Rated Operating Voltage (Peak) —
DC or 60 Hz — H-19 — 20 kV
H-17 — 25 kV
2.5 MHz — H-19 — 15 kV
H-17 — 20 kV
16 MHz — H-19 — 10 kV
H-17 — 15 kV
32 MHz — H-19 — 7 kV
H-17 — 12 kV
Continuous Carry Current, Max. —
DC or 60 Hz — 30 A
2.5 MHz — H-19 — 18 A
H-17 — 16 A
16 MHz — H-19 — 9 A
H-17 — 10 A
32 MHz — H-19 — 6 A
H-17 — 8 A
Coil Hi-Pot (Vrms, 60 Hz) — 500 A
Contact Capacitance —
Between Open Contacts — 1 pF
Open Contacts to Ground — 2.5 pF
Contact Resistance, Max. —
0.015 ohm
Operate Time, Max. —
H-19 — 30 ms
H-17 — 25 ms
Release Time, Max. —
H-19 — 20 ms
H-17 — 25 ms
Shock, 11ms, 1/2 Sine (Peak) —
H-19 — 30 g
H-17 — 20 g
Vibration —
Peak — 10 g (55 to 500 Hz)
Operating Ambient Temperature
Range — -55°C to +125°C
Mechanical Life — 1 million cycles
Weight, Nominal —
H-19 — 241 g (8.5 oz.)
H-17 — 198.4 g (7 oz.)
H-17
Product Facts
n Will isolate 12 kV at 32 MHz
n Tungsten contacts suitable
for power switching low
current loads
n Available with corona shield
connectors
n Meets requirements of
MIL-R-83725
n QPL version available,
M83725/2
Coil Data
Nominal Volts DC
12 Vdc
26.5 Vdc
115 Vdc
Pickup, Max.
8 Vdc
16 Vdc
80 Vdc
Dropout
.5-5 Vdc
1-10 Vdc
5-50 Vdc
Coil Resistance (±10%)
H-19
48
225
2100
H-17
24
120
2900
Ratings listed are for 25°C, sea level conditions
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Số phần tương tự - H-19

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
H-19 MACOM-H-19 Datasheet
428Kb / 1P
   Make & Break Load Switching
H-19/115VDC MACOM-H-19/115VDC Datasheet
428Kb / 1P
   Make & Break Load Switching
H-19/12VDC MACOM-H-19/12VDC Datasheet
428Kb / 1P
   Make & Break Load Switching
More results

Mô tả tương tự - H-19

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Winchester Electronics ...
SD1765-1 WINCHESTER-SD1765-1 Datasheet
52Kb / 1P
   PLUG, 20 KV
logo
JMK Inc.
GG-1141-20A JMK-GG-1141-20A Datasheet
71Kb / 1P
   Operating voltage: 12 Vdc Operating current: 20 amp.
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
AA-0221-20 JMK-AA-0221-20 Datasheet
255Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
LL-0221-20 JMK-LL-0221-20 Datasheet
63Kb / 1P
   Operating Voltage = 115/250 V~ Operating Current = 20 Amps
1306 JMK-1306 Datasheet
74Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
KK-902 JMK-KK-902 Datasheet
44Kb / 1P
   Operating Voltage = 240/480 V~ Operating Current = 20 A, 30 A / Phase
1182 JMK-1182 Datasheet
157Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 20, 30amp
logo
Winchester Electronics ...
SD1764-1 WINCHESTER-SD1764-1 Datasheet
60Kb / 1P
   20 KV HV, RECEPTACLE BULKHEAD MOUNT
logo
JMK Inc.
KK-902-30 JMK-KK-902-30 Datasheet
38Kb / 1P
   Operating Voltage = 240/480 V~ Operating Current = 20 A, 30 A / Phase
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com