công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FPS2800B12C4 bảng dữ liệu(PDF) 5 Page - TE Connectivity Ltd

tên linh kiện FPS2800B12C4
Giải thích chi tiết về linh kiện  Highly reliable and long term stability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FPS2800B12C4 bảng dữ liệu(HTML) 5 Page - TE Connectivity Ltd

  FPS2800B12C4 Datasheet HTML 1Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 2Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 3Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 4Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FPS2800B12C4
Fluid Property Sensor
SENSOR SOLUTIONS /// FPS2800B12C4 FPC012 Rev M
9/2015
Page 5
FPS OPTIONAL PARTS
The FPS can be provided with
A CAN Viewer Software which allows to visualize the measured values with a PC
A CAN-USB interface, which enables communication between PC and FPS
A Mating connector with pigtail wires
These parts should be ordered on purchase.
RESISTANCE TO PHYSICAL AND CHEMICAL STRESSES
FPS2800B12C4 contains circuits to protect its inputs and outputs against Electrostatic discharges (ESD) up
to
25kV (air discharge)
FPS2800B12C4 is protected against EMC interferences (SAE J1113-4)
FPS2800B12C4 is protected against reverse polarity
FPS2800B12C4 is cross wire protected
Additional tests under harsh chemical conditions demonstrate good operation in presence of 5% nitric acid,
soot, fuel, water, oxidized oil, a non-exhaustive list
NOTE: This FPS and its use may be covered by one or more patents, including US Patents 6,957,565; 6,873,916;
6,494,079; 6,336,353; 7,043,969 and other pending US and worldwide patents.
ORDERING INFORMATION
Part Number for the Generic Version is
FPP800A110.
For any specific application, please contact MEAS.
* The FPS2810B12C4 has been replaced by the FPS2800B12C4.
* Without specification, each order will be delivered with the Generic version of the FPS2800B12C4 (Calibration
point at medium viscosity and medium temperature).
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse
of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015
TE Connectivity Ltd. family of companies
All Rights Reserved.
EUROPE
MEAS France SAS
a TE Connectivity Company
Impasse Jeanne Benozzi
CS 83 163
31027 Toulouse Cedex 3
FRANCE
Tél: +33 (0) 5 820 822 02
Fax:+33 (0) 5 820 821 51
Sales: fluid.sales@meas-spec.com


Số phần tương tự - FPS2800B12C4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Willow Technologies Ltd
FPS2-T220 WILLOW-FPS2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Riedon Powertron
FPS2-T220 RIEDON-FPS2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
logo
Willow Technologies Ltd
FPS2-T2201R0 WILLOW-FPS2-T2201R0 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
More results

Mô tả tương tự - FPS2800B12C4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
   Hermetic package offers excellent long-term stability
logo
Burr-Brown (TI)
REF05 BURR-BROWN-REF05 Datasheet
54Kb / 6P
   5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability)
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com