công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D-6021 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd

tên linh kiện D-6021
Giải thích chi tiết về linh kiện  Multiplex DataBus Box Couplers and Terminators Connectorized with D-6025 Connector Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D-6021 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd

  D-6021 Datasheet HTML 1Page - TE Connectivity Ltd D-6021 Datasheet HTML 2Page - TE Connectivity Ltd D-6021 Datasheet HTML 3Page - TE Connectivity Ltd D-6021 Datasheet HTML 4Page - TE Connectivity Ltd D-6021 Datasheet HTML 5Page - TE Connectivity Ltd D-6021 Datasheet HTML 6Page - TE Connectivity Ltd D-6021 Datasheet HTML 7Page - TE Connectivity Ltd D-6021 Datasheet HTML 8Page - TE Connectivity Ltd D-6021 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIL-STD-1553B Multiplex DataBus Box Couplers and
Terminators Connectorized with D-6025 Connector
Interface
D-6021
Revision A1
25-Mar-15
© 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. TE Proprietary & Confidential Information.
If this document is printed, it becomes uncontrolled. Check for latest revision.
Page 1 of 14
1.0
Introduction
1.1
Scope
This specification covers the Raychem D-500-0255 series of MIL-STD-1553B multiplex
data bus box couplers and D-621-XXXX series of MIL-STD- 1553B terminators.
1.2
Description
Items covered by this specification are non-repairable components installed as parts of a
data bus system. They provide intrinsic EMI shielding.
1.3
Classification
These items are classified (solely dependent upon the connector interface type and
environmental resistance) as follows:
a
Connector Type: Threaded connector type
Bayonet connector type
b
Environmental Resistance of Connector:
General purpose (terminators only)
Environment resistant
Environment resistant, 1000 hour salt spray
1.4
Intended Use
Data bus box couplers covered by this specification provide fault isolation by series
resistance and transformer coupling between the bus cables and stub cables in
accordance with MIL-STD-1553B. Data bus terminators covered by this specification
provide matched impedance bus termination or stub termination with a resistive load
simulating a remote terminal (RT). These products may be used in applications within the
operating temperature range of -55°C to +125°C.
2.0
Applicable Documents
2.1
Issues of Documents
The following documents, of the issue in effect on date of order or request for proposal,
form a part of this specification to the extent specified herein. However, this specification
takes precedence over the referenced documents.


Số phần tương tự - D-6021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
D-602-0093 MACOM-D-602-0093 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0094 MACOM-D-602-0094 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-00940095 MACOM-D-602-00940095 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-01040105 MACOM-D-602-01040105 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0106 MACOM-D-602-0106 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
More results

Mô tả tương tự - D-6021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
NXP Semiconductors
68HC05X1 NXP-68HC05X1 Datasheet
6Mb / 104P
   SAEJ1850 PWM Serial Multiplex Interface (SMI)
REV 2.1
logo
Maxim Integrated Produc...
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
   CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Winchester Electronics ...
300038 WINCHESTER-300038 Datasheet
52Kb / 2P
   Modular Adapters and Couplers
logo
SMSC Corporation
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com