công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A22362YZPR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A22362YZPR
Giải thích chi tiết về linh kiện  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362YZPR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A22362YZPR Datasheet HTML 1Page - Texas Instruments TS5A22362YZPR Datasheet HTML 2Page - Texas Instruments TS5A22362YZPR Datasheet HTML 3Page - Texas Instruments TS5A22362YZPR Datasheet HTML 4Page - Texas Instruments TS5A22362YZPR Datasheet HTML 5Page - Texas Instruments TS5A22362YZPR Datasheet HTML 6Page - Texas Instruments TS5A22362YZPR Datasheet HTML 7Page - Texas Instruments TS5A22362YZPR Datasheet HTML 8Page - Texas Instruments TS5A22362YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
8-
Speaker
Input Select
IN2
IN1
COM2
COM1
NC2
NC1
NO2
OUT+
OUT+
OUT–
OUT–
NO1
TS5A22362
Audio
Source 1
Audio
Source 2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS5A22362
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
TS5A22362 0.65-
Ω 2-channel SPDT Analog Switches With Negative Signaling Capability
1 Features
3 Description
The TS5A22362 is a bidirectional, 2-channel single-
1
Specified Break-Before-Make Switching
pole double-throw (SPDT) analog switch designed to
Negative Signaling Capability: Maximum Swing
operate from 2.3 V to 5.5 V. The device features
from –2.75 V to 2.75 V (VCC = 2.75 V)
negative signal swing capability that allows signals
Low ON-State Resistance (0.65
Ω Typical)
below ground to pass through the switch without
distortion. The break-before-make feature prevents
Low Charge Injection
signal distortion during the transferring of a signal
Excellent ON-State Resistance Matching
from one path to another. Low ON-state resistance,
2.3-V to 5.5-V Power Supply (VCC)
excellent
channel-to-channel
ON-state
resistance
matching, and minimal total harmonic distortion
Latch-Up Performance Exceeds 100 mA Per
(THD) performance are ideal for audio applications.
JESD 78, Class II
The 3.00 mm × 3.00 mm DRC package is also
ESD Performance Tested Per JESD 22
available as a nonmagnetic package for medical
2500-V Human-Body Model
imaging application.
(A114-B, Class II)
Device Information(1)
1500-V Charged-Device Model (C101)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
200-V Machine Model (A115-A)
VSON (10)
3.00 mm × 3.00 mm
TS5A22362
DSBGA (10)
1.86 mm × 1.36 mm
2 Applications
VSSOP (10)
3.00 mm × 3.00 mm
Cell Phones
(1) For all available packages, see the orderable addendum at
PDAs
the end of the data sheet.
Portable Instrumentation
Audio Routing
Medical Imaging
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TS5A22362YZPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22362YZPR TI-TS5A22362YZPR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362YZPR TI-TS5A22362YZPR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362YZPR TI-TS5A22362YZPR Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362YZPR TI1-TS5A22362YZPR Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362YZPR TI1-TS5A22362YZPR Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
More results

Mô tả tương tự - TS5A22362YZPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com