công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5V41235PGGI bảng dữ liệu(PDF) 3 Page - Integrated Device Technology |
|
5V41235PGGI bảng dữ liệu(HTML) 3 Page - Integrated Device Technology |
3 / 18 page 5V41235 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER 3 5V41235 MAY 5, 2017 Pin Descriptions QFN Pin Number TSSOP Pin Number Pin Name Pin Type Pin Description 16 1 S0 Input Select pin 0. See Table1. Internal pull-up resistor. 1 2 S1 Input Select pin 1. See Table 1. Internal pull-up resistor. 2 3 SS0 Input Spread Select pin 0. See Table 2. Internal pull-up resistor. 3 4 X1/ICLK Input Crystal or clock input. Connect to a 25 MHz crystal or single ended clock. 4 5 X2 Output Crystal connection. Leave unconnected for clock input. 5 6 OE Input Output enable. Tri-states outputs and device is not shut down. Internal pull-up resistor. 6 7 GNDXD Power Connect to ground. 7 8 SS1 Input Spread Select pin 1. See Table 2. Internal pull-up resistor. 8 9 IREF Output Precision resistor attached to this pin is connected to the internal current reference. 9 10 CLK1 Output HCSL complementary clock output 1. 10 11 CLK1 Output HCSL true clock output 1. 11 12 VDDODA Power Connect to voltage supply +3.3 V for output driver and analog circuits 12 13 GNDODA Power Connect to ground. 13 14 CLK0 Output HCSL complementary clock output 0. 14 15 CLK0 Output HCSL true clock output 0. 15 16 VDDXD Power Connect to voltage supply +3.3 V for crystal oscillator and digital circuit. |
Số phần tương tự - 5V41235PGGI |
|
Mô tả tương tự - 5V41235PGGI |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |