công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V41235PGG bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện 5V41235PGG
Giải thích chi tiết về linh kiện  2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41235PGG bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  5V41235PGG Datasheet HTML 1Page - Integrated Device Technology 5V41235PGG Datasheet HTML 2Page - Integrated Device Technology 5V41235PGG Datasheet HTML 3Page - Integrated Device Technology 5V41235PGG Datasheet HTML 4Page - Integrated Device Technology 5V41235PGG Datasheet HTML 5Page - Integrated Device Technology 5V41235PGG Datasheet HTML 6Page - Integrated Device Technology 5V41235PGG Datasheet HTML 7Page - Integrated Device Technology 5V41235PGG Datasheet HTML 8Page - Integrated Device Technology 5V41235PGG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
5V41235
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
4
5V41235
MAY 5, 2017
Applications Information
External Components
A minimum number of external components are required for
proper operation.
Decoupling Capacitors
Decoupling capacitors of 0.01
F should be connected
between each VDD pin and the ground plane, as close to
the VDD pin as possible. Do not share ground vias between
components. Route power from power source through the
capacitor pad and then into ICS pin.
Crystal
A 25 MHz fundamental mode parallel resonant crystal
should be used. This crystal must have less than 300 ppm
of error across temperature in order for the 5V41235 to meet
PCI Express specifications.
Crystal Capacitors
Crystal capacitors are connected from pins X1 to ground
and X2 to ground to optimize the accuracy of the output
frequency.
CL= Crystal’s load capacitance in pF
Crystal Capacitors (pF) = (CL- 7) * 2
For example, for a crystal with a 8pF load cap, each external
crystal cap would be 2pF [(8-7)*2=2].
Current Source (Iref) Reference Resistor - RR
If board target trace impedance (Z) is 50
, then R
R = 475
(1%), providing IREF of 2.32 mA. The output current (IOH) is
equal to 6*IREF.
Output Termination
The PCI-Express differential clock outputs of the 5V41235
are open source drivers and require an external series
resistor and a resistor to ground. These resistor values and
their allowable locations are shown in detail in the
PCI-Express Layout Guidelines section.
The 5V41235 can also be configured for LVDS compatible
voltage levels. See the LVDS Compatible Layout
Guidelines section.
Output Structures
General PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1. Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible.
2. No vias should be used between decoupling capacitor
and VDD pin.
3. The PCB trace to VDD pin should be kept as short as
possible, as should the PCB trace to the ground via.
Distance of the ferrite bead and bulk decoupling from the
device is less critical.
4. An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (any ferrite beads and bulk decoupling capacitors can
be mounted on the back). Other signal traces should be
routed away from the 5V41235.This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
R
R
475
6*IREF
=2.3 mA
IREF
See Output Termination
Sections - Pages 3 ~ 5


Số phần tương tự - 5V41235PGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
5V41235PGG RENESAS-5V41235PGG Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235PGG8 RENESAS-5V41235PGG8 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235PGGI RENESAS-5V41235PGGI Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41235PGGI8 RENESAS-5V41235PGGI8 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Mô tả tương tự - 5V41235PGG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com