công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM24LC21BIS bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện AM24LC21BIS
Giải thích chi tiết về linh kiện  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BIS bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  AM24LC21BIS Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Jul 2, 2003
1/13
Features
- Single supply with operation down to 2.5V
- Completely implements DDC1/DDC2 interface for
monitor identification, including recovery to DDC1
- Low power CMOS technology
- 1 mA typical active current
- 10 uA standby current typical at 5.5V
- 2-wire serial interface bus, I
2C compatible
- 100Khz (2.5V) and 400Khz (5V) compatibility
- Self-timed write cycle (including auto-erase)
- Hardware write-protect pin
- Page-write buffer for up to eight bytes
- 1,000,000 erase/write cycles
- Data retention > 40 years
- 8-pin PDIP and SOP packages
- Available for extended temperature ranges
Commercial (C): 0°C to +70°C
Industrial (I): -40°C to +85°C
Pin Assignments
NC
NC
VSS
VCC
SCL
VCLK
SDA
1
3
2
4
8
6
7
5
NC
NC
VSS
VCC
SCL
VCLK
SDA
1
3
2
4
8
6
7
5
PDIP Package
SOP Package
NC
NC
(Top View)
(Top View)
General Description
The AM24LC21B is a 128 x 8-bit dual-mode
Electrically Erasable PROM. This device is
designed for use in applications requiring storage
and serial transmission of configuration and control
information. Two modes of operation have been
implemented: transmit only mode and bi-directional
mode. Upon power-up, the device will be in the
transmit only mode, sending a serial bit stream of
the memory array contents, clocked by the VCLK
pin. A valid high to low transition on the SCL pin will
cause the device to enter the bi-directional mode,
with byte selectable read/write capability of the
memory array. The AM24LC21B is available in a
standard 8-pin PDIP and SOP package in both
commercial and industrial temperature ranges.
The
difference
between
AM24LC21
and
AM24LC21B is the former has Write protection
function and the latter doesn’t have write protection
function.
Pin Descriptions
Name
Description
NC
No connection
VSS
Ground
SDA
Serial address/data I/O
VCLK
Serial clock (transmit only mode)
VCC
Power supply
SCL
Serial clock (bi-directional mode)
Note. See pin descriptions (continued) at page 11/13 for more
detailed
Ordering Information
Type
Package
1K Dual Mode
S : SOP-8L
N : PDIP-8L
Temp. grade
AM24LC 21B X X X
Packing
Blank : Tube
A : Taping
Operating Voltage
LC : 2.5V~5.5V,CMOS
Blank :
C
70
~
C
0
o
o
+
I
:
C
85
~
C
40
o
o
+


Số phần tương tự - AM24LC21BIS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IN ETC-AM24LC21IN Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21INA ETC-AM24LC21INA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IS ETC-AM24LC21IS Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21ISA ETC-AM24LC21ISA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Mô tả tương tự - AM24LC21BIS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com