công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1222IPWT bảng dữ liệu(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS1222IPWT
Giải thích chi tiết về linh kiện  24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1222IPWT bảng dữ liệu(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS1222IPWT Datasheet HTML 5Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 6Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 7Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 8Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 9Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 10Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 11Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 12Page - Burr-Brown (TI) ADS1222IPWT Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADS1222
SBAS314A − APRIL 2004 − REVISED SEPTEMBER 2004
www.ti.com
9
Analog Input Measurement without the Input Buffer
With the buffer disabled by setting the BUFEN pin low,
the ADS1222 measures the input signal using internal
capacitors
that
are
continuously
charged
and
discharged. Figure 14 shows a simplified schematic of
the ADS1222 input circuitry, with Figure 15 showing the
on/off timings of the switches. The S1 switches close
during the input sampling phase. With S1 closed, CA1
charges to AINP, CA2 charges to AINN, and CB charges
to (AINP – AINN). For the discharge phase, S1 opens
first and then S2 closes. CA1 and CA2 discharge to
approximately VDD/2 and CB discharges to 0V. This
two-phase sample/discharge cycle repeats with a
frequency of fCLK/32 (62.5kHz for fCLK = 2MHz).
Mux
VDD
VDD/2
VDD/2
S
1
S
1
AINN
AINP
S
2
C
A1
3pF
C
B
6pF
C
A2
3pF
VDD
ESD Protection
AINPx
AINNx
S
2
Figure 14. Simplified Input Structure with the
Buffer Turned Off
ON
OFF
ON
S
1
S
2
OFF
t
SAMPLE = 32/fCLK
Figure 15. S1 and S2 Switch Timing for Figure 14
The constant charging of the input capacitors presents
a load on the inputs that can be represented by effective
impedances. Figure 16 shows the input circuitry with
the capacitors and switches of Figure 14 replaced by
their effective impedances. These impedances scale
inversely with fCLK frequency. For example, if fCLK
frequency is reduced by a factor of 2, the impedances
will double.
Zeff
A =tSAMPLE/CA1 =6MΩ
(1)
Zeff
B =tSAMPLE/CB =3MΩ
(1)
Zeff
A =tSAMPLE/CA2 =6MΩ
(1)
NOTE: (1) fCLK =2MHz.
AINPx
AINNx
VDD/2
VDD/2
Figure 16. Effective Analog Input Impedances
with the Buffer Off
ESD diodes protect the inputs. To keep these diodes
from turning on, make sure the voltages on the input
pins do not go below GND by more than 100mV, and
likewise do not exceed VDD by 100mV:
GND – 100mV < (AINP, AINN) < VDD + 100mV
Analog Input Measurement with the Input Buffer
When the buffer is enabled by setting the BUFEN pin
high, a low-drift, chopper-stabilized input buffer is used
to achieve very high input impedance. The buffer
charges the input sampling capacitors, thus removing
the load from the measurement. Because the input
buffer is chopper-stabilized, the charging of parasitic
capacitances causes the charge to be carried away, as
if by resistance. The input impedance can be modeled
by a single resistor, as shown in Figure 17. The
impedance scales inversely with fCLK frequency, as in
the nonbuffered case.
AINP
AINN
1.2G
(1)
NOTE: (1) f
CLK =2MHz.
Figure 17. Effective Analog Input Impedances
with the Buffer On
Note that the analog inputs (listed in the Electrical
Characteristics table as Absolute Input Range) must
remain between GND + 0.05V to VDD − 1.5V.
Exceeding this range degrades linearity and results in
performance outside the specified limits.


Số phần tương tự - ADS1222IPWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
More results

Mô tả tương tự - ADS1222IPWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
logo
Burr-Brown (TI)
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com