công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1222 bảng dữ liệu(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS1222
Giải thích chi tiết về linh kiện  24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1222 bảng dữ liệu(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS1222 Datasheet HTML 4Page - Burr-Brown (TI) ADS1222 Datasheet HTML 5Page - Burr-Brown (TI) ADS1222 Datasheet HTML 6Page - Burr-Brown (TI) ADS1222 Datasheet HTML 7Page - Burr-Brown (TI) ADS1222 Datasheet HTML 8Page - Burr-Brown (TI) ADS1222 Datasheet HTML 9Page - Burr-Brown (TI) ADS1222 Datasheet HTML 10Page - Burr-Brown (TI) ADS1222 Datasheet HTML 11Page - Burr-Brown (TI) ADS1222 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADS1222
SBAS314A − APRIL 2004 − REVISED SEPTEMBER 2004
www.ti.com
8
OVERVIEW
The ADS1222 is an A/D converter comprised of a
delta-sigma modulator followed by a digital filter. A mux
allows for one of two input channels to be selected. A
buffer can also be selected to increase the input
impedance. The modulator measures the differential
input signal VIN = (AINP – AINN) against the differential
reference VREF = (VREFP – VREFN). Figure 13 shows
a conceptual diagram of the device. The differential
reference is scaled internally so that the full-scale input
range is
±2VREF. The digital filter receives the modulator
signal and provides a low-noise digital output. A 2-wire
serial interface indicates conversion completion and
provides the user with the output data.
ANALOG INPUTS (AINPx, AINNx)
The input signal to be measured is applied to the input
pins AINPx and AINNx. The positive internal input is
generalized as AINP, and the negative internal input is
generalized as AINN. The signal is selected though the
input mux, which is controlled by MUX, as shown in
Table 1. The ADS1222 accepts differential input
signals, but can also measure unipolar signals. When
measuring unipolar (or single-ended signals) with
respect to ground, connect the negative input (AINNx)
to ground and connect the input signal to the positive
input (AINPx). Note that when the ADS1222 is
configured this way, only half of the converter full-scale
range is used since only positive digital output codes
are produced. An input buffer can be selected to
increase the input impedance of the A/D converter with
the BUFEN pin.
Table 1. Input Channel Selection with MUX
DIGITAL PIN
SELECTED ANALOG INPUTS
MUX
POSITIVE INPUT
NEGATIVE INPUT
0
AINP1
AINN1
1
AINP2
AINN2
Mux
AINP
V
IN
AINN
Temp
Sensor
Digital
Filter
and
Serial
Interface
∆Σ
Modulator
VREFP
Σ
VREFN
Buffer
AINP1
AINN1
AINP2
AINN2
+
CLK
DRDY/DOUT
SCLK
TEMPEN
MUX
BUFEN
2
V
REF
2V
REF
Σ
Figure 13. Conceptual Diagram of the ADS1222


Số phần tương tự - ADS1222

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1222 TI1-ADS1222 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWR TI1-ADS1222IPWR Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWRG4 TI1-ADS1222IPWRG4 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Mô tả tương tự - ADS1222

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
logo
Burr-Brown (TI)
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com