công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1408 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ADG1408
Giải thích chi tiết về linh kiện  5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1408 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ADG1408 Datasheet HTML 3Page - Analog Devices ADG1408 Datasheet HTML 4Page - Analog Devices ADG1408 Datasheet HTML 5Page - Analog Devices ADG1408 Datasheet HTML 6Page - Analog Devices ADG1408 Datasheet HTML 7Page - Analog Devices ADG1408 Datasheet HTML 8Page - Analog Devices ADG1408 Datasheet HTML 9Page - Analog Devices ADG1408 Datasheet HTML 10Page - Analog Devices ADG1408 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADG1408/ADG1409
ABSOLUTE MAXIMUM RATINGS1
Table 4. Absolute Maximum Ratings (TA = 25°C, unless
otherwise noted.)
Parameter
Rating
VDD to VSS
36 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog, Digital Inputs2
VSS − 0.3 V to VDD + 0.3V or 20 mA,
Whichever Occurs First
Continuous Current, S or D
30 mA
Peak Current, S or D
(Pulsed at 1 ms, 10%
Duty Cycle max)
100 mA
Operating Temperature
Range
Industrial (B Version)
−40° C to +85°C
Automotive (Y Version)
–40° C to +125°C
Storage Temperature
Range
–65° C to +150°C
Junction Temperature
150°C
Parameter
Rating
TSSOP Package, Power Dissipation
450 mW
θJA, Thermal Impedance
150.4°C/W
θJC, Thermal Impedance
50°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed
in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability. Only one absolute maximum rating may be applied at any one
time.
2 Overvoltages at A, EN, S, or D will be clamped by internal diodes. Current
should be limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. B | Page 7 of 16


Số phần tương tự - ADG1408

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
   4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408LYCPZ-REEL7 AD-ADG1408LYCPZ-REEL7 Datasheet
857Kb / 21P
   4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408YCPZ-REEL7 AD-ADG1408YCPZ-REEL7 Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
logo
Analog Devices
ADG1408YRUZ AD-ADG1408YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
More results

Mô tả tương tự - ADG1408

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
   Single 4:1 Low rON Multiplexers
Rev. A, 01-Sept-03
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com