công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9886KS-140 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD9886KS-140
Giải thích chi tiết về linh kiện  Analog Interface for Flat Panel Displays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9886KS-140 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD9886KS-140 Datasheet HTML 7Page - Analog Devices AD9886KS-140 Datasheet HTML 8Page - Analog Devices AD9886KS-140 Datasheet HTML 9Page - Analog Devices AD9886KS-140 Datasheet HTML 10Page - Analog Devices AD9886KS-140 Datasheet HTML 11Page - Analog Devices AD9886KS-140 Datasheet HTML 12Page - Analog Devices AD9886KS-140 Datasheet HTML 13Page - Analog Devices AD9886KS-140 Datasheet HTML 14Page - Analog Devices AD9886KS-140 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
AD9886
–11–
The clamp timing can be established by simply exercising the
CLAMP pin at the appropriate time (with EXTCLMP = 1).
The polarity of this signal is set by the Clamp Polarity bit.
A simpler method of clamp timing employs the AD9886 inter-
nal clamp timing generator. The Clamp Placement register is
programmed with the number of pixel times that should pass
after the trailing edge of HSYNC before clamping starts. A
second register (Clamp Duration) sets the duration of the
clamp. These are both 8-bit values, providing considerable
flexibility in clamp generation. The clamp timing is referenced
to the trailing edge of HSYNC because, although HSYNC
duration can vary widely, the back porch (black reference)
always follows HSYNC. A good starting point for establishing
clamping is to set the clamp placement to 08h (providing eight
pixel periods for the graphics signal to stabilize after sync) and
set the clamp duration to 14h (giving the clamp 20 pixel periods
to reestablish the black reference).
Clamping is accomplished by placing an appropriate charge on
the external input coupling capacitor. The value of this capaci-
tor affects the performance of the clamp. If it is too small, there
will be a significant amplitude change during a horizontal line
time (between clamping intervals). If the capacitor is too large,
it will take excessively long for the clamp to recover from a large
change in incoming signal offset. The recommended value
(47 nF) results in recovering from a step error of 100 mV to
within 1/2 LSB in 10 lines with a clamp duration of 20 pixel
periods on a 60 Hz SXGA signal.
YUV Clamping
YUV graphic signals are slightly different from RGB signals in
that the dc reference level (black level in RGB signals) can be at
the midpoint of the video signal rather than the bottom. For
these signals it can be necessary to clamp to the midscale range
of the A/D converter range (10h) rather than bottom of the A/D
converter range (00h).
Clamping to midscale rather than ground can be accomplished
by setting the clamp select bits in the series bus register. Each of
the three converters has its own selection bit so that they can be
clamped to either midscale or ground independently. These bits
are located in Register 0Fh and are Bits 0–2.
The midscale reference voltage that each A/D converter clamps
to is provided independently on the RMIDSCV, GMIDSCV, and
BMIDSCV pins. Each converter must have its own midscale refer-
ence because both offset adjustment and gain adjustment for
each converter will affect the dc level of midscale.
During clamping, each A/D converter is clamped to its respec-
tive midscale reference input. These inputs are pins RCLAMPV,
GCLAMPV, and BCLAMPV for the red, green, and blue converters
respectively. The typical connections for both RGB and YUV
clamping are shown below in Figure 2. Note: if midscale clamp-
ing is not required, all of the midscale voltage outputs should
still be connected to ground through a 0.1
µF capacitor.
RMIDSCV
RCLAMPV
GMIDSCV
GCLAMPV
BMIDSCV
BCLAMPV
0.1 F
0.1 F
0.1 F
Figure 2. Typical Clamp Configuration for RBG/YUV
Applications
Gain and Offset Control
The AD9886 can accommodate input signals with inputs rang-
ing from 0.5 V to 1.0 V full scale. The full-scale range is set in
three 8-bit registers (Red Gain, Green Gain, and Blue Gain).
Note that increasing the gain setting results in an image with
less contrast.
The offset control shifts the entire input range, resulting in a
change in image brightness. Three 7-bit registers (Red Offset,
Green Offset, Blue Offset) provide independent settings for
each channel.
The offset controls provide a
±63 LSB adjustment range. This
range is connected with the full-scale range, so if the input range
is doubled (from 0.5 V to 1.0 V) then the offset step size is also
doubled (from 2 mV per step to 4 mV per step).
Figure 3 illustrates the interaction of gain and offset controls.
The magnitude of an LSB in offset adjustment is proportional
to the full-scale range, so changing the full-scale range also
changes the offset. The change is minimal if the offset setting is
near midscale. When changing the offset, the full-scale range is
not affected, but the full-scale level is shifted by the same amount
as the zero-scale level.
GAIN
1.0V
0.0V
00h
FFh
0.5V
OFFSET = 00h
OFFSET = 3Fh
OFFSET = 7Fh
OFFSET = 00h
OFFSET = 7Fh
OFFSET = 3Fh
Figure 3. Gain and Offset Control


Số phần tương tự - AD9886KS-140

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results

Mô tả tương tự - AD9886KS-140

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com