công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1012-A bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện SI1012-A
Giải thích chi tiết về linh kiện  Programmable packet handler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1012-A bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  SI1012-A Datasheet HTML 1Page - Silicon Laboratories SI1012-A Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wireless MCU
Copyright © 2010 by Silicon Laboratories
1.15.10
CIP-51 8051
Controller Core
16k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
512 Byte XRAM
VDD
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
XTAL2
Low Power
20 MHz
Oscillator
smaRTClock
Oscillator
XTAL3
XTAL4
GND
VREG
CRC
Engine
RXp
RXn
TX
XIN
XOUT
Analog Peripherals
Comparators
+
-
12-bit
75ksps
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
6-bit
IREF
VREF
GND
IREF0
CP0, CP0A
+
-
CP1, CP1A
RF XCVR
(240-960 MHz)
OSC
PA
LNA
AGC
Digital
Modem
Delta
Sigma
Modulator
Digital
Logic
Mixer
PGA
ADC
Port I/O
Config
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
Transceiver Control Interface
SPI 0
15
ANALOG &
DIGITAL I/O
Si1012-A
Ultra-Low Power 16 kB, 12-bit ADC
MCU with Integrated 240–960 MHz Transceiver
Supply Voltage: 1.8 to 3.6 V
- Typical sleep mode current < 0.1 µA; retains state and RAM
contents over full supply range; fast wakeup of < 2 µs
- Two built-in brown-out detectors cover sleep and active modes
12-Bit Analog to Digital Converter
- Up to 75 ksps
- Up to 11 external inputs
- External pin or internal VREF (no external capacitor required)
- External conversion start input option
- Autonomous Burst Mode with 16-bit automatic averaging 
accumulator
- Built-in temperature sensor
Dual Comparators
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
- Low current (< 0.5 µA)
Memory
- 16 kB bytes Flash; in-system programmable in 512-byte 
sectors; full read/write/erase functionality over the entire
supply range
- 768 bytes internal data RAM
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug (no emulator required)
High-Speed 8051 µC Core
- Pipe-lined instruction architecture; executes 70% of instructions
in 1 or 2 system clocks
- 25 MIPS peak throughput with 25 MHz clock
Development Kit: Si1010DK
Transceiver Features
- Frequency range = 240–960 MHz
- Sensitivity = –121 dBm
- FSK, GFSK, and OOK modulation
- Max output power = +13 dBm
- RF power consumption
- 18.5 mA receive
- 30 mA @ +13 dBm transmit
- 18 mA @ +1 dBm transmit
- Data rate = 0.123 to 256 kbps
- Auto-frequency calibration (AFC)
- Antenna diversity and transmit/receive switch control
- Programmable packet handler
- TX and RX 64 byte FIFOs
- Frequency hopping capability
- On-chip crystal tuning
Digital Peripherals
- 15 port I/O
- Hardware enhanced UART, SPI and I2C serial ports available
concurrently
- Low power 32-bit smaRTClock
- Four general purpose 16-bit counter/timers; six channel 
programmable counter array (PCA)
Clock Sources
- Precision internal oscillators: 24.5 MHz with ±2% accuracy sup-
ports UART operation; spread-spectrum mode for reduced EMI
- Low power 20 MHz internal oscillator
- External oscillator: crystal, RC, C, CMOS clock
- smaRTClock oscillator: 32.768 kHz crystal or self-oscillate
Ordering Part Number
- Si1012-A-GM, 42-pin QFN, 5 x 7 mm2


Số phần tương tự - SI1012-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1012-A-GM SILABS-SI1012-A-GM Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Mô tả tương tự - SI1012-A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1014-A SILABS-SI1014-A Datasheet
987Kb / 2P
   Programmable packet handler
SI1013-A SILABS-SI1013-A Datasheet
986Kb / 2P
   Programmable packet handler
SI4468-7 SILABS-SI4468-7 Datasheet
1Mb / 57P
   Highly configurable packet handler
SI4063 SILABS-SI4063 Datasheet
958Kb / 37P
   Highly configurable packet handler
logo
List of Unclassifed Man...
37652 ETC2-37652 Datasheet
52Kb / 1P
   BOARD HANDLER TRAYS
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
Pericom Semiconductor C...
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
   Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
   Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
   Packet Switch
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
   Packet Switch
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com