công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI10XX-DK bảng dữ liệu(PDF) 10 Page - Silicon Laboratories

tên linh kiện SI10XX-DK
Giải thích chi tiết về linh kiện  AC to DC Power Adapter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI10XX-DK bảng dữ liệu(HTML) 10 Page - Silicon Laboratories

Back Button SI10XX-DK Datasheet HTML 6Page - Silicon Laboratories SI10XX-DK Datasheet HTML 7Page - Silicon Laboratories SI10XX-DK Datasheet HTML 8Page - Silicon Laboratories SI10XX-DK Datasheet HTML 9Page - Silicon Laboratories SI10XX-DK Datasheet HTML 10Page - Silicon Laboratories SI10XX-DK Datasheet HTML 11Page - Silicon Laboratories SI10XX-DK Datasheet HTML 12Page - Silicon Laboratories SI10XX-DK Datasheet HTML 13Page - Silicon Laboratories SI10XX-DK Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Si10xx-DK
10
Rev. 0.1
7. Using the Si1000 Motherboard with the Wireless Development Suite
The Si1000 motherboard is supported by the Wireless Development Suite. Some features of the Wireless
Development Suite will be disabled when connected to an Si1000 motherboard. See the Wireless Development
Suite documentation for details. When using the Wireless Development Suite, the following configurations are
required:
J18 - shorting blocks should be closed if using an Si1000/1/2/3/4/5 device and open otherwise.
J19 - shorting blocks should be closed if using an Si1010/1/2/3/4/5 device and open otherwise.
J20 - shorting blocks should be closed
J12 - 3 shorting blocks (closest to USB connector) should be closed to enable UART communication.
Firmware is currently in development to allow the Si10xx daughtercards to connect to the Wireless Development
Suite through the Si1000 Motherboard.
8. Using Si10xx Daughtercards with the Wireless Development Suite
To enable all the features of the Wireless Development Suite, the Si10xx daughtercards may be used directly with
wireless development suite, without an Si1000 motherboard. The Si10xx daughtercards must be programmed with
“pass-through” firmware to make them appear as fixed-function, stand-alone EZRadioPRO devices such as the
Si4430/1/2/3. An SDBC-DK3 development kit is required to connect to the Wireless Development Suite in this
mode.
To program the Si10xx daughtercards for this mode, download the following hex file to the daughtercard:
For Si100x daughtercards:
C:\Silabs\MCU\Examples\Si100x\EZRadioPRO\SPI_PassThrough\SPI_PassThrough.hex
For Si101x daughtercards:
C:\Silabs\MCU\Examples\Si101x\EZRadioPRO\SPI_PassThrough\SPI_PassThrough.hex
After the “pass-through” code is downloaded to the daughtercard, it may be used as a standard daughercard for
the SDBC-DK3 development kit. See the SDBC-DK3 documentation for more details.
9. Using the Si1000 Motherboard with a CP240x LCD Development Board
The Si1000 motherboard supports the CP2400 and CP2401 development boards for developing LCD applications.
When using an LCD development board, the following configurations are required:
J18 - shorting blocks should be closed if using an Si1000/1/2/3/4/5 device and open otherwise.
J19 - shorting blocks should be closed if using an Si1010/1/2/3/4/5 device and open otherwise.
J20 - shorting blocks should be open
When a CP240x development board is connected to the Si1000 motherboard, the Port I/O usage matrix shown in
Figure 7 should be used for software development.


Số phần tương tự - SI10XX-DK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
3M Electronics
SI100 3M-SI100 Datasheet
320Kb / 4P
   3M Scotch-Weld??Surface Insensitive Instant Adhesives
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1000 ETC2-SI1000 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Mô tả tương tự - SI10XX-DK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
M-BUS-EK SILABS-M-BUS-EK Datasheet
327Kb / 20P
   AC to DC power adapter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com