công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI10XX-DK bảng dữ liệu(PDF) 8 Page - Silicon Laboratories

tên linh kiện SI10XX-DK
Giải thích chi tiết về linh kiện  AC to DC Power Adapter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI10XX-DK bảng dữ liệu(HTML) 8 Page - Silicon Laboratories

Back Button SI10XX-DK Datasheet HTML 4Page - Silicon Laboratories SI10XX-DK Datasheet HTML 5Page - Silicon Laboratories SI10XX-DK Datasheet HTML 6Page - Silicon Laboratories SI10XX-DK Datasheet HTML 7Page - Silicon Laboratories SI10XX-DK Datasheet HTML 8Page - Silicon Laboratories SI10XX-DK Datasheet HTML 9Page - Silicon Laboratories SI10XX-DK Datasheet HTML 10Page - Silicon Laboratories SI10XX-DK Datasheet HTML 11Page - Silicon Laboratories SI10XX-DK Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Si10xx-DK
8
Rev. 0.1
5. Using the Keil Software 8051 Tools with the Silicon Laboratories IDE
To perform source-level debugging with the IDE, configure the Keil 8051 tools to generate an absolute object file in
the OMF-51 format with object extensions and debug records enabled. Build the OMF-51 absolute object file by
calling the Keil 8051 tools at the command line (e.g., batch file or make file) or by using the project manager built
into the IDE. The default configuration when using the Silicon Laboratories IDE project manager enables object
extension and debug record generation. Refer to "AN104: Integrating Keil 8051 Tools into the Silicon Labs IDE" in
the “SiLabs\MCU\Documentation\ApplicationNotes” directory on the CD-ROM for additional information on using the
Keil 8051 tools with the Silicon Laboratories IDE.
To build an absolute object file using the Silicon Laboratories IDE project manager, you must first create a project.
A project consists of a set of files, IDE configuration, debug views, and a target build configuration (list of files and
tool configurations used as input to the assembler, compiler, and linker when building an output object file).
The following sections illustrate the steps necessary to manually create a project with one or more source files,
build a program, and download it to the target in preparation for debugging. (The IDE will automatically create a
single-file project using the currently open and active source file if you select Build/Make Project before a project is
defined.)
5.1. Creating a New Project
1. Select Project
New Project to open a new project and reset all configuration settings to default.
2. Select File
New File to open an editor window. Create your source file(s) and save the file(s) with a
recognized extension, such as .c, .h, or .asm, to enable color syntax highlighting.
3. Right-click on “New Project” in the Project Window. Select Add files to project. Select files in the file browser
and click Open. Continue adding files until all project files have been added.
4. For each of the files in the Project Window that you want assembled, compiled and linked into the target build,
right-click on the file name and select Add file to build. Each file will be assembled or compiled as appropriate
(based on file extension) and linked into the build of the absolute object file.
5. If a project contains a large number of files, the “Group” feature of the IDE can be used to organize. Right-click
on “New Project” in the Project Window. Select Add Groups to project. Add pre-defined groups or add
customized groups. Right-click on the group name and choose Add file to group. Select files to be added.
Continue adding files until all project files have been added.
5.2. Building and Downloading the Program for Debugging
1. Once all source files have been added to the target build, build the project by clicking on the Build/Make Project
button in the toolbar or selecting Project
Build/Make Project from the menu.
Note: After the project has been built the first time, the Build/Make Project command will only build the files that
have been changed since the previous build. To rebuild all files and project dependencies, click on the Rebuild
All button in the toolbar or select Project
Rebuild All from the menu.
2. Before connecting to the target device, several connection options may need to be set. Open the Connection
Options window by selecting Options
Connection Options... in the IDE menu. First, select the appropriate
adapter in the “Serial Adapter” section. Next, the correct “Debug Interface” must be selected. Si100x-Si101x
family devices use the Silicon Labs 2-wire (C2) debug interface. Once all the selections are made, click the OK
button to close the window.
3. Click the Connect button in the toolbar or select Debug
Connect from the menu to connect to the device.
4. Download the project to the target by clicking the Download Code button in the toolbar.
Note: To enable automatic downloading if the program build is successful select Enable automatic connect/
download after build in the Project
Target Build Configuration dialog. If errors occur during the build process,
the IDE will not attempt the download.
5. Save the project when finished with the debug session to preserve the current target build configuration, editor
settings and the location of all open debug views. To save the project, select Project
Save Project As... from
the menu. Create a new name for the project and click on Save.


Số phần tương tự - SI10XX-DK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
3M Electronics
SI100 3M-SI100 Datasheet
320Kb / 4P
   3M Scotch-Weld??Surface Insensitive Instant Adhesives
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1000 ETC2-SI1000 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Mô tả tương tự - SI10XX-DK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
M-BUS-EK SILABS-M-BUS-EK Datasheet
327Kb / 20P
   AC to DC power adapter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com