công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5405YCP-REEL bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD5405YCP-REEL
Giải thích chi tiết về linh kiện  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5405YCP-REEL bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD5405YCP-REEL Datasheet HTML 1Page - Analog Devices AD5405YCP-REEL Datasheet HTML 2Page - Analog Devices AD5405YCP-REEL Datasheet HTML 3Page - Analog Devices AD5405YCP-REEL Datasheet HTML 4Page - Analog Devices AD5405YCP-REEL Datasheet HTML 5Page - Analog Devices AD5405YCP-REEL Datasheet HTML 6Page - Analog Devices AD5405YCP-REEL Datasheet HTML 7Page - Analog Devices AD5405YCP-REEL Datasheet HTML 8Page - Analog Devices AD5405YCP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5405
Rev. 0 | Page 3 of 24
SPECIFICATIONS1
VDD = 2.5 V to 5.5 V, VREFA = VREFB = 10 V, IOUT2 = 0 V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured
with OP1177, AC performance with AD9631, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Gain Error
±25
mV
Gain Error Temp Coefficient2
±5
ppm FSR/°C
Bipolar Zero-Code Error
±25
mV
Output Leakage Current
±1
nA
Data = 0x0000, TA = 25°C, IOUT1
±10
nA
Data = 0x0000H, IOUT1
REFERENCE INPUT
2
Typical resistor TC =
−50 ppm/°C
Reference Input Range
±10
V
VREFA, VREFB Input Resistance
8
10
12
kΩ
DAC input resistance
VREFA to VREFB Input Resistance
Mismatch
1.6
2.5
%
Typ = 25°C, Max = 125°C
R1, RFB Resistance
16
20
24
kΩ
R2, R3 Resistance
16
20
24
kΩ
R2 to R3 Resistance Mismatch
.06
.18
%
Typ = 25°C, Max = 125°C
DIGITAL INPUTS/OUTPUT
2
Input High Voltage, VIH
1.7
V
VDD = 2.5 V to 5.5 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Input Leakage Current, IIL
1
µA
Input Capacitance
10
pF
VDD = 4.5 V to 5.5 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Output High Voltage, VOH
VDD − 1
V
ISOURCE = 200 µA
VDD = 2.5 V to 3.6 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Output High Voltage, VOH
VDD −0.5
V
ISOURCE = 200 µA
DYNAMIC PERFORMANCE
2
Reference Multiplying BW
10
MHz
VREF = 5 V pk-pk, DAC loaded all 1s
Output Voltage Settling Time
80
120
ns
Measured to ±1 mV of FS. RLOAD = 100 Ω, CLOAD =15 pF.
DAC latch alternately loaded with 0s and 1s.
Digital Delay
20
40
ns
Digital-to-Analog Glitch Impulse
3
nV-s
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
−75
dB
DAC latch loaded with all 0s. Reference = 10 kHz
Output Capacitance
2
pF
DAC latches loaded with all 0s
4
pF
DAC latches loaded with all 1s
Digital Feedthrough
5
nV-s
Feedthrough to DAC output with CS high and
alternate loading of all 0s and all 1s
Total Harmonic Distortion
−75
dB
VREF = 5 V p-p, all 1s loaded, f = 1 kHz
−75
dB
VREF = 5 V, sine wave generated from digital code
Output Noise Spectral Density
25
nV/√Hz
@ 1 kHz


Số phần tương tự - AD5405YCP-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

Mô tả tương tự - AD5405YCP-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5415 AD-AD5415 Datasheet
868Kb / 28P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com