công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M-BUS-EK bảng dữ liệu(PDF) 2 Page - Silicon Laboratories

tên linh kiện M-BUS-EK
Giải thích chi tiết về linh kiện  AC to DC power adapter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

M-BUS-EK bảng dữ liệu(HTML) 2 Page - Silicon Laboratories

  M-BUS-EK Datasheet HTML 1Page - Silicon Laboratories M-BUS-EK Datasheet HTML 2Page - Silicon Laboratories M-BUS-EK Datasheet HTML 3Page - Silicon Laboratories M-BUS-EK Datasheet HTML 4Page - Silicon Laboratories M-BUS-EK Datasheet HTML 5Page - Silicon Laboratories M-BUS-EK Datasheet HTML 6Page - Silicon Laboratories M-BUS-EK Datasheet HTML 7Page - Silicon Laboratories M-BUS-EK Datasheet HTML 8Page - Silicon Laboratories M-BUS-EK Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Wi reless M-Bus-EK
2
Rev. 0.1
3. Hardware Overview
The Wireless M-Bus Demo board has two sections. The Wireless M-Bus meter section is on the right half as
shown in Figure 2.
Figure 2. Meter Section
The Wireless M-Bus meter section includes the following components.
C8051F930 Low-Power Microcontroller
Si4431 EZRadioPRO® Transceiver
CP2400 LCD Driver
The C8051F930 is well suited for Low-Power Metering solutions. This MCU includes 64 k of Flash and 4 k of RAM,
which is sufficient for the Wireless M-Bus stack and a large application. The C8051F930 has a very low-power
Sleep mode. The current consumption in Sleep mode is only 50 nA. The MCU also has a 32.768 kHz
SmaRTClockTM. The MCU SmaRTClockTM is used for all timing functions in the low-power meter.
The Si4431 EZRadioPRO® transceiver provides +13 dB of output power. This is the highest power permitted in the
868 MHz band used by the Wireless M-Bus Standard. The RF layout is matched for 868 MHz. The Si4431 is
placed in Shutdown mode when the radio is not in use. The current draw in shutdown mode is only 15 nA.
The CP2400 LCD driver features an SPI interface and can drive displays with up to 128 segments and four
backplanes. The Wireless M-Bus meter section uses a static four-digit display for the lowest possible power
consumption. The Meter Display is used to display either pulse count or Temperature. The Monitor Section is
shown in Figure 3.
C8051F930
CP2400
Si4431


Số phần tương tự - M-BUS-EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cooper Bussmann, Inc.
M-BAO40 COOPER-M-BAO40 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-BAO40 COOPER-M-BAO40 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-BAO50 COOPER-M-BAO50 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
M-BAO50 COOPER-M-BAO50 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
M-BAO63 COOPER-M-BAO63 Datasheet
217Kb / 2P
   6 Reasons To Order Our Exciting New Cooper Bussmann Packaging
More results

Mô tả tương tự - M-BUS-EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI10XX-DK SILABS-SI10XX-DK Datasheet
1Mb / 26P
   AC to DC Power Adapter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com