công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L471ZE bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STM32L471ZE
Giải thích chi tiết về linh kiện  Batch acquisition mode
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L471ZE bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STM32L471ZE Datasheet HTML 6Page - STMicroelectronics STM32L471ZE Datasheet HTML 7Page - STMicroelectronics STM32L471ZE Datasheet HTML 8Page - STMicroelectronics STM32L471ZE Datasheet HTML 9Page - STMicroelectronics STM32L471ZE Datasheet HTML 10Page - STMicroelectronics STM32L471ZE Datasheet HTML 11Page - STMicroelectronics STM32L471ZE Datasheet HTML 12Page - STMicroelectronics STM32L471ZE Datasheet HTML 13Page - STMicroelectronics STM32L471ZE Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 218 page
background image
List of figures
STM32L471xx
10/218
DocID027226 Rev 1
Figure 49.
LQFP144 - 144-pin,20 x 20 mm low-profile quad flat package
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202
Figure 50.
LQFP144 marking (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Figure 51.
UFBGA132 - 132-ball, 7 x 7 mm ultra thin fine pitch ball grid array
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Figure 52.
UFBGA132 - 132-ball, 7 x 7 mm ultra thin fine pitch ball grid array
package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Figure 53.
UFBGA132 marking (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Figure 54.
LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat package outline . . . . . . . . . . . . . . 207
Figure 55.
LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
Figure 56.
LQFP100 marking (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Figure 57.
LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package outline . . . . . . . . . . . . . . . . 210
Figure 58.
LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat package
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 211
Figure 59.
LQFP64 marking (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 212
Figure 60.
LQFP64 PD max vs. TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215


Số phần tương tự - STM32L471ZE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L475 STMICROELECTRONICS-STM32L475 Datasheet
3Mb / 26P
   STM32 development boards
STM32L475RC STMICROELECTRONICS-STM32L475RC Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
STM32L475RE STMICROELECTRONICS-STM32L475RE Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
STM32L475RG STMICROELECTRONICS-STM32L475RG Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
STM32L475VC STMICROELECTRONICS-STM32L475VC Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
More results

Mô tả tương tự - STM32L471ZE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L443CC STMICROELECTRONICS-STM32L443CC Datasheet
2Mb / 207P
   Batch acquisition mode
May 2016 Rev 2
STM32L432KB STMICROELECTRONICS-STM32L432KB Datasheet
2Mb / 149P
   Batch acquisition mode
May 2016 Rev 2
STM32L486XX STMICROELECTRONICS-STM32L486XX Datasheet
2Mb / 233P
   Batch acquisition mode
June 2016 Rev 5
AN4515 STMICROELECTRONICS-AN4515 Datasheet
876Kb / 24P
   Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
logo
Pepperl+Fuchs Inc.
KC-LCD-24-24VDC PF-KC-LCD-24-24VDC Datasheet
824Kb / 2P
   Pulse/batch controller
KCY1-6SR-B PF-KCY1-6SR-B Datasheet
333Kb / 2P
   Pulse/batch controller
logo
Advanced Semiconductor
HSCH-5315 ASI-HSCH-5315 Datasheet
20Kb / 1P
   BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
logo
MKS Instruments.
PRECISIVE5-165 MKS-PRECISIVE5-165 Datasheet
372Kb / 2P
   Continuous measurement instead of batch handling
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Keysight Technologies
DSOX2SGM KEYSIGHT-DSOX2SGM Datasheet
3Mb / 11P
   Segmented Memory Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com