công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L471ZE bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM32L471ZE
Giải thích chi tiết về linh kiện  Batch acquisition mode
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L471ZE bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM32L471ZE Datasheet HTML 1Page - STMicroelectronics STM32L471ZE Datasheet HTML 2Page - STMicroelectronics STM32L471ZE Datasheet HTML 3Page - STMicroelectronics STM32L471ZE Datasheet HTML 4Page - STMicroelectronics STM32L471ZE Datasheet HTML 5Page - STMicroelectronics STM32L471ZE Datasheet HTML 6Page - STMicroelectronics STM32L471ZE Datasheet HTML 7Page - STMicroelectronics STM32L471ZE Datasheet HTML 8Page - STMicroelectronics STM32L471ZE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
This is information on a product in full production.
February 2016
DocID027226 Rev 1
1/218
STM32L471xx
Ultra-low-power ARM® Cortex®-M4 32-bit MCU+FPU, 100DMIPS,
up to 1MB Flash, 128 KB SRAM, analog, audio
Datasheet
- production data
Features
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/105/125 °C temperature range
– 300 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
– 30 nA Shutdown mode (5 wakeup pins)
– 120 nA Standby mode (5 wakeup pins)
– 420 nA Standby mode with RTC
– 1.1 µA Stop 2 mode, 1.4 µA Stop 2 with
RTC
– 100 µA/MHz run mode
– Batch acquisition mode (BAM)
– 4 µs wakeup from Stop mode
– Brown out reset (BOR) in all modes except
shutdown
– Interconnect matrix
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from Flash memory, frequency up to 80 MHz,
MPU, 100DMIPS/1.25DMIPS/MHz (Dhrystone
2.1), and DSP instructions
• Clock Sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
– 3 PLLs for system clock, audio, ADC
• RTC with HW calendar, alarms and calibration
• Up to 24 capacitive sensing channels: support
touchkey, linear and rotary touch sensors
• 16x timers: 2 x 16-bit advanced motor-control,
2 x 32-bit and 5 x 16-bit general purpose, 2x
16-bit basic, 2x low-power 16-bit timers
(available in Stop mode), 2x watchdogs,
SysTick timer
• Up to 114 fast I/Os, most 5 V-tolerant, up to 14
I/Os with independent supply down to 1.08 V
• Memories
– Up to 1 MB Flash, 2 banks read-while-
write, proprietary code readout protection
– Up to 128 KB of SRAM including 32 KB
with hardware parity check
– External memory interface for static
memories supporting SRAM, PSRAM,
NOR and NAND memories
– Quad SPI memory interface
• 4x digital filters for sigma delta modulator
• Rich analog peripherals (independent supply)
– 3× 12-bit ADC 5 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 2x 12-bit DAC, low-power sample and hold
– 2x operational amplifiers with built-in PGA
– 2x ultra-low-power comparators
• 17x communication interfaces
– 2x SAIs (serial audio interface)
–3x I2C FM+(1 Mbit/s), SMBus/PMBus
– 6x USARTs (ISO 7816, LIN, IrDA, modem)
– 3x SPIs (4x SPIs with the Quad SPI)
– CAN (2.0B Active) and SDMMC interface
– SWPMI single wire protocol master I/F
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• Development support: serial wire debug
(SWD), JTAG, Embedded Trace Macrocell™
Table 1. Device summary
Reference
Part number
STM32L471xx
STM32L471RG, STM32L471VG, STM32L471QG,
STM32L471ZG, STM32L471RE, STM32L471VE,
STM32L471QE, STM32L471ZE
(7 × 7)
LQFP144 (20 × 20)
LQFP100 (14 x 14)
LQFP64 (10 x 10)
UFBGA132
www.st.com


Số phần tương tự - STM32L471ZE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L475 STMICROELECTRONICS-STM32L475 Datasheet
3Mb / 26P
   STM32 development boards
STM32L475RC STMICROELECTRONICS-STM32L475RC Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
STM32L475RE STMICROELECTRONICS-STM32L475RE Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
STM32L475RG STMICROELECTRONICS-STM32L475RG Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
STM32L475VC STMICROELECTRONICS-STM32L475VC Datasheet
2Mb / 193P
   Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
More results

Mô tả tương tự - STM32L471ZE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L443CC STMICROELECTRONICS-STM32L443CC Datasheet
2Mb / 207P
   Batch acquisition mode
May 2016 Rev 2
STM32L432KB STMICROELECTRONICS-STM32L432KB Datasheet
2Mb / 149P
   Batch acquisition mode
May 2016 Rev 2
STM32L486XX STMICROELECTRONICS-STM32L486XX Datasheet
2Mb / 233P
   Batch acquisition mode
June 2016 Rev 5
AN4515 STMICROELECTRONICS-AN4515 Datasheet
876Kb / 24P
   Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
logo
Pepperl+Fuchs Inc.
KC-LCD-24-24VDC PF-KC-LCD-24-24VDC Datasheet
824Kb / 2P
   Pulse/batch controller
KCY1-6SR-B PF-KCY1-6SR-B Datasheet
333Kb / 2P
   Pulse/batch controller
logo
Advanced Semiconductor
HSCH-5315 ASI-HSCH-5315 Datasheet
20Kb / 1P
   BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
logo
MKS Instruments.
PRECISIVE5-165 MKS-PRECISIVE5-165 Datasheet
372Kb / 2P
   Continuous measurement instead of batch handling
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Keysight Technologies
DSOX2SGM KEYSIGHT-DSOX2SGM Datasheet
3Mb / 11P
   Segmented Memory Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com