công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101xx bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM32F101xx
Giải thích chi tiết về linh kiện  This errata sheet applies to the revisions
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101xx bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM32F101xx Datasheet HTML 5Page - STMicroelectronics STM32F101xx Datasheet HTML 6Page - STMicroelectronics STM32F101xx Datasheet HTML 7Page - STMicroelectronics STM32F101xx Datasheet HTML 8Page - STMicroelectronics STM32F101xx Datasheet HTML 9Page - STMicroelectronics STM32F101xx Datasheet HTML 10Page - STMicroelectronics STM32F101xx Datasheet HTML 11Page - STMicroelectronics STM32F101xx Datasheet HTML 12Page - STMicroelectronics STM32F101xx Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID14574 Rev 13
9/41
STM32F10xx8 STM32F10xxB
ARM® 32-bit Cortex®-M3 limitations
Workaround
If the DFSR register does not have any bit set when the debug monitor is entered, this
means that we must be in this “corner case” and so, that a BKPT instruction was executed
in debug monitor mode.
1.1.4
Cortex-M3 may freeze for SLEEPONEXIT single instruction ISR
Description
If the Cortex-M3 SLEEPONEXIT functionality is used and the concerned interrupt service
routine (ISR) contains only a single instruction, the core becomes frozen. This freezing may
occur if only one interrupt is active and it is preempted by an interrupt whose handler only
contains a single instruction.
However, any new interrupt that causes a preemption would cause the core to become
unfrozen and behave correctly again.
Workaround
This scenario does not happen in real application systems since all enabled ISRs should at
least contain one instruction. Therefore, if an empty ISR is used, then insert an NOP or any
other instruction before the exit instruction (BX or BLX).
1.1.5
Interrupted loads to SP can cause erroneous behavior
Description
If an interrupt occurs during the data-phase of a single word load to the stack-pointer
(SP/R13), erroneous behavior can occur. In all cases, returning from the interrupt will result
in the load instruction being executed an additional time. For all instructions performing an
update to the base register, the base register will be erroneously updated on each
execution, resulting in the stack-pointer being loaded from an incorrect memory location.
The affected instructions are:
1.
LDR SP,[Rn],#imm
2.
LDR SP,[Rn,#imm]!
3.
LDR SP,[Rn,#imm]
4.
LDR SP,[Rn]
5.
LDR SP,[Rn,Rm]
Workaround
As of today, there is no compiler generating these particular instructions. This limitation can
only occur with hand-written assembly code.
Both issues may be worked around by replacing the direct load to the stack-pointer, with an
intermediate load to a general-purpose register followed by a move to the stack-pointer.
Example: the following instruction "LDR SP, [R0]" can be replaced by
“LDR R2,[R0]
MOV SP,R2 "


Số phần tương tự - STM32F101xx

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F101XX STMICROELECTRONICS-STM32F101XX Datasheet
12Mb / 1134P
   STM32F101xx, STM32F102xx, STM32F103xx, STM32F105xx and STM32F107xx advanced Arm-based 32-bit MCUs
December 2018 Rev 20
More results

Mô tả tương tự - STM32F101xx

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SPC56EL70XX STMICROELECTRONICS-SPC56EL70XX Datasheet
218Kb / 15P
   This errata sheet describes all the functional
October 2014 Rev 4
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-0503 SOBERTON-ST-0503_17 Datasheet
367Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-1411 SOBERTON-ST-1411_17 Datasheet
345Kb / 4P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
GT-1204A SOBERTON-GT-1204A Datasheet
315Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com