công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA-1215D2LF bảng dữ liệu(PDF) 2 Page - Bothhand USA, LP. |
|
BA-1215D2LF bảng dữ liệu(HTML) 2 Page - Bothhand USA, LP. |
2 / 6 page BA-2 LF - Series 2 Watt Isolated DC-DC Converter BA-1205D2 LF 5 400 22 222 60 ± 10 75 BA-1209D2 LF 9 222 20 217 80 ± 8 77 BA-1212D2 LF 12 167 20 217 100 ± 8 77 BA-1215D2 LF 12 15 134 20 217 120 ± 8 77 BA-2405D2 LF 5 400 7 111 60 ± 10 75 BA-2409D2 LF 9 222 6 110 80 ± 8 76 BA-2412D2 LF 12 167 6 110 100 ± 8 76 BA-2415D2 LF 24 15 134 6 110 120 ± 8 76 Notes: Load regulation is for output current change from 20% to 100% Max. Load. 3 . Absolute Maximum Ratings (Exceeding these values may damage the module. These are not continuous operating ratings) Parameter Condition Min. Typ. Max. Unit 5V Input Model - 0.7 5 7.5 12V Input Model - 0.7 12 15 Input Absolute Voltage Range 24V Input Model - 0.7 24 30 Vdc Max. Output Power --- --- 2 W Output Short Circuit Duration --- --- 1.0 Second Operation Temperature (Ambient Temperature) - 40 --- + 85 Operation Temperature (Case Surface Temperature) Output Full Load -40 --- +95 Storage Temperature -55 --- +105 ℃ 4 . Nominal Input/Output Electrical Specifications (Specifications typical at Ta= +25℃ ℃ ℃ ℃ ,Nominal input voltage, Rated output current unless otherwise noted) Parameter Condition Min. Typ. Max. Unit 5V Input Model 4.5 5 5.5 12V Input Model 10.8 12 13.2 Input Voltage Range 24V Input Model 21.6 24 26.4 Vdc Line Regulation (Per1.0% change in input change) --- --- 1.3 Output Voltage Accuracy --- --- ± 5.0 Voltage Balance (Dual Outputs) --- --- ± 1.0 % Switching Frequency --- 80 --- KHz Temperature Coefficient Nominal Input --- ± 0.01 ± 0.02 %/ ℃ Isolation Voltage 60 Second/0.5mA 1000 --- --- Vdc Bothhand USA http://www.bothhandusa.com sales@bothhandusa.com |
Số phần tương tự - BA-1215D2LF |
|
Mô tả tương tự - BA-1215D2LF |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |