công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STBB1XX bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STBB1XX
Giải thích chi tiết về linh kiện  Buck-boost DC-DC converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1XX bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STBB1XX Datasheet HTML 6Page - STMicroelectronics STBB1XX Datasheet HTML 7Page - STMicroelectronics STBB1XX Datasheet HTML 8Page - STMicroelectronics STBB1XX Datasheet HTML 9Page - STMicroelectronics STBB1XX Datasheet HTML 10Page - STMicroelectronics STBB1XX Datasheet HTML 11Page - STMicroelectronics STBB1XX Datasheet HTML 12Page - STMicroelectronics STBB1XX Datasheet HTML 13Page - STMicroelectronics STBB1XX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Detailed description
STBB1xx
10/20
6.3
External synchronization
The STBB1 implements external synchronization pin. If and external clock signal is applied
to the MODE (SYN) pin with a frequency between 1.35 MHz and 2.0 MHz and with proper
low/high levels, the device automatically goes in PWM mode and the external clock is used
as switching oscillator.
6.4
Enable pin
The device operates when EN pin is set high. If EN pin is set low the device stops switching,
all the internal blocks are turned off. In this condition the current drawn from VIN/VINA is
below 1 µA in the whole temperature range. In addition the internal switches are in off state
so the load is electrically disconnected from the input, this avoids unwanted current leakage
from the input to the load.
6.5
Protections
The STBB1 implements different type of protections.
6.5.1
Soft start and short circuit
After the EN pin is pulled high, or after a suitable voltage is applied to VIN, VINA and EN the
device initiates the start-up phase. The average current limit is set to 400 mA at the
beginning and it is gradually increased tracking the output voltage increase. As soon the
output voltage reaches 1.0 V the average current limit is set to its nominal value.
This method allows having a current limit proportional to the output voltage, if there is a
short in the VOUT pin, the output current will not exceed 400 mA.
This process is not handled by any timer so the device is also able to start-up in case of
large capacitive loads.
6.5.2
Under voltage lockout
The under voltage lockout function avoids improper operation of STBB1 when the input
voltage is not high enough. When the input voltage is below the VUVLO threshold the device
is in shutdown mode. The hysteresis of 100 mV avoids unstable operation when the input
voltage is close to the UVLO threshold.
6.5.3
Over-temperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 140 °C typically the device stops operating. As soon the temperature
falls below 120 °C typically normal operation is restored.


Số phần tương tự - STBB1XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
STBB1PUR STMICROELECTRONICS-STBB1PUR Datasheet
1Mb / 21P
   1 A, high efficiency single inductor
More results

Mô tả tương tự - STBB1XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
IC-Haus GmbH
IC-DC ICHAUS-IC-DC_17 Datasheet
846Kb / 19P
   2-CHANNEL BUCK/BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com