công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST1S15J18R bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện ST1S15J18R
Giải thích chi tiết về linh kiện  Short-circuit and thermal protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S15J18R bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  ST1S15J18R Datasheet HTML 1Page - STMicroelectronics ST1S15J18R Datasheet HTML 2Page - STMicroelectronics ST1S15J18R Datasheet HTML 3Page - STMicroelectronics ST1S15J18R Datasheet HTML 4Page - STMicroelectronics ST1S15J18R Datasheet HTML 5Page - STMicroelectronics ST1S15J18R Datasheet HTML 6Page - STMicroelectronics ST1S15J18R Datasheet HTML 7Page - STMicroelectronics ST1S15J18R Datasheet HTML 8Page - STMicroelectronics ST1S15J18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
February 2015
DocID023280 Rev 4
1/27
This is information on a product in full production.
www.st.com
ST1S15
500 mA, 6 MHz synchronous step-down converter
Datasheet - production data
Features
85% typical efficiency
500 mA output current capability
45 µA typical quiescent current
PFM or PWM operation for best efficiency
over whole load range
Ultra-fast load and line transient
Short-circuit and thermal protection
Small external components
Auto or forced PWM selection with
dedicated pin
Available in Flip Chip 6 package
Applications
DSP and multimedia processor core supply
Cell phones
PDAs
Description
The ST1S15 is a high efficiency miniaturized
step-down converter able to provide 500 mA
output current from an input voltage from 2.3 V to
5.5 V. This converter is specifically designed for
applications where high efficiency and small
application area are the key factors. Thanks to
6 MHz switching frequency, the ST1S15 can use
470 nH nominal values for the inductor and
4.7 µF for the output capacitor providing, at the
same time, very good performance in terms of
load and line transients. A PFM mode can be
selected for high efficiency under light load
conditions or PWM mode for tight regulation and
best dynamic performance. Short-circuit and
thermal protection are also included.
Table 1: Device summary
Order code
Output
voltage (V)
Package
ST1S15J18R
1.82
Flip Chip 6


Số phần tương tự - ST1S15J18R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
ST1S10PHR STMICROELECTRONICS-ST1S10PHR Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
ST1S10PUR STMICROELECTRONICS-ST1S10PUR Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
ST1S12G12R STMICROELECTRONICS-ST1S12G12R Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12G12R STMICROELECTRONICS-ST1S12G12R Datasheet
318Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results

Mô tả tương tự - ST1S15J18R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
   Thermal and short-circuit protection
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
   OV, OC, UV, short circuit and thermal protection
logo
Infineon Technologies A...
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
Laird Tech Smart Techno...
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com