công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP16B1003DC bảng dữ liệu(PDF) 1 Page - American Accurate Components, Inc.

tên linh kiện TSOP16B1003DC
Giải thích chi tiết về linh kiện  TSOP ULTRA PRECISION RESISTOR NETWORKS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAC [American Accurate Components, Inc.]
Trang chủ  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TSOP16B1003DC bảng dữ liệu(HTML) 1 Page - American Accurate Components, Inc.

  TSOP16B1003DC Datasheet HTML 1Page - American Accurate Components, Inc. TSOP16B1003DC Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
TSOP ULTRA PRECISION RESISTOR NETWORKS
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
HOW TO ORDER
TSOP
08
A
1003
B
C
TCR (PPM/°°°°C)
R = +5
S = +10
E = +25
C = +50
Resistance Tolerance
A = +0.05%
B = +0.10%
C = +0.25%
D = +0.50%
F = +1%
Resistance Value
3 sig. fig & 1 multiplier +1%
Circuit Type/Pattern
Refer to Circuit Schematic
A, B, C, D, E
Pins
8, 16
Series
Ultra Precision Molded Resistor
FEATURES
TSOP High Precision NiCr Thin Film Resistor
Networks with tight ratio and tracking
10 Standard Circuits
Tight Tracking T.C.R to 1 PPM
High Stability Thin Film
2.3mm High from PC Board, most fit for
high density compacted instruments.
Custom Circuit Configuration is Available
ELECTRICAL SPECIFACTIONS
Rated Power per Resistor at 70ºC
60mW
Maximum Working Voltage
75V
Maximum Overload Voltage
150V
Absolute TCR ppm/ºC
50, 25,10, 5
Absolute Tolerance %
0.25, 0.1, 0.05
TSOP SCHEMATIC
TSOP 08
TSOP 16
MECHANICAL SPECIFACTIONS
Mechanical Protection
Epoxy Molded
Resistive Element
NiCr Film
Terminal Leads
Tinned
TYPICAL PERFORMANCE
ABS
TRACKING
± 5ppm
1, 2, 3, 5
± 10ppm
1, 2, 3, 5, 10
± 25ppm
1, 2, 3, 5, 10
± 50ppm
1, 2, 3, 5, 10
ABS
RATIO
± 0.05%
0.025, 0.05, 0.1
± 0.10%
0.025, 0.05, 0.1, 0.2
± 0.25%
0.025, 0.05, 0.1, 0.25, 0.5
± 0.5%
0.25, 0.1, 0.05
± 1%
0.5, 0.25, 0.1, 0.05
DIMENSIONS (mm)
Model
A
B
C
D
E
F
G
H
TSOP 08
5.5 ± 0.3
5.3 ± 0.3
2.3 max
8.0 ± 0.2
1.27 ± 0.2
0.4 ± 0.05
0.2 ± 0.1
0.3 min
TSOP 16
10.5 ± 0.5
5.3 ± 0.3
2.3 max
8.0 ± 0.2
1.27 ± 0.2
0.4 ± 0.05
0.2 ± 0.1
0.3 min


Số phần tương tự - TSOP16B1003DC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
American Accurate Compo...
TSOP16B1003AC AAC-TSOP16B1003AC Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
TSOP16B1003AE AAC-TSOP16B1003AE Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
TSOP16B1003AR AAC-TSOP16B1003AR Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
TSOP16B1003AS AAC-TSOP16B1003AS Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
TSOP16B1003BC AAC-TSOP16B1003BC Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
More results

Mô tả tương tự - TSOP16B1003DC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com