công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV358QDGKR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
LMV358QDGKR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 48 page LMV358, LMV321, LMV324, LMV324S SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage(2) 5.5 V VID Differential input voltage(3) ±5.5 V VI Input voltage range (either input) –0.2 5.7 V At or below TA = 25°C, Duration of output short circuit (one amplifier) to ground(4) Unlimited VCC ≤ 5.5 V TJ Operating virtual junction temperature 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. (3) Differential voltages are at IN+ with respect to IN–. (4) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 7.2 Handling Ratings MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all 0 2500 pins(1) V(ESD) Electrostatic discharge V Charged device model (CDM), per JEDEC specification 0 1500 JESD22-C101, all pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions (1) MIN MAX UNIT VCC Supply voltage (single-supply operation) 2.7 5.5 V VCC = 2.7 V 1.7 VIH Amplifier turn-on voltage level (LMV324S)(2) V VCC = 5 V 3.5 VCC = 2.7 V 0.7 VIL Amplifier turn-off voltage level (LMV324S) V VCC = 5 V 1.5 I temperature (LMV321, LMV358, LMV324, –40 125 LMV321IDCK) TA Operating free-air temperature °C I temperature (LMV324S) -40 85 Q temperature –40 125 (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. (2) VIH should not be allowed to exceed VCC. 7.4 Thermal Information LMV3xx THERMAL METRIC(1) D DBV DCK DDU DGK PW UNIT 8 PIN 14 PIN 16 PIN 5 PIN 5 PIN 8 PIN 8 PIN 8 PIN 14 PIN 16 PIN RθJA Junction-to-ambient thermal resistance 97 86 73 206 252 210 172 149 113 108 °C/W (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 4 Submit Documentation Feedback Copyright © 1999–2014, Texas Instruments Incorporated Product Folder Links: LMV358 LMV321 LMV324 LMV324S |
Số phần tương tự - LMV358QDGKR |
|
Mô tả tương tự - LMV358QDGKR |