công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPSC20H065C-Y bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STPSC20H065C-Y
Giải thích chi tiết về linh kiện  Dedicated to PFC applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H065C-Y bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STPSC20H065C-Y Datasheet HTML 1Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 2Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 3Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 4Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 5Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 6Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 7Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 8Page - STMicroelectronics STPSC20H065C-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
September 2014
DocID026619 Rev 2
1/9
STPSC20H065C-Y
Automotive 650 V power Schottky silicon carbide diode
Datasheet
- production data
Features
• No or negligible reverse recovery
• Switching behavior independent of
temperature
• Dedicated to PFC applications
• High forward surge capability
• AEC-Q101 qualified
• ECOPACK®2 compliant component
• PPAP capable
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide band gap material
allows the design of a Schottky diode structure
with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature and are ideal for automotive
applications.
Especially suited for use in PFC applications, this
ST SiC diode will boost the performance in hard
switching conditions. Its high forward surge
capability ensures a good robustness during
transient phases.
K (2)
A1 (1)
A2 (3)
A1
K
A2
A1
K
A2
TO-220AB
STPSC20H065CTY
TO-247
STPSC20H065CWY
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 10 A
VRRM
650 V
Tj (max)
175 °C
www.st.com


Số phần tương tự - STPSC20H065C-Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
STPSC20H065CT STMICROELECTRONICS-STPSC20H065CT Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
logo
Inchange Semiconductor ...
STPSC20H065CW ISC-STPSC20H065CW Datasheet
400Kb / 2P
   SiC Schottky Diode
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
More results

Mô tả tương tự - STPSC20H065C-Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
   Dedicated to PFC applications
September 2016 Rev 3
STPSC12H065-Y STMICROELECTRONICS-STPSC12H065-Y Datasheet
454Kb / 9P
   Dedicated to PFC applications
October 2016 Rev 4
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
   Dedicated to PFC applications
May 2016 Rev 1
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
logo
Toshiba Semiconductor
GT30J122A TOSHIBA-GT30J122A Datasheet
199Kb / 7P
   Dedicated to Current-Resonant Inverter Switching Applications Dedicated to Partial-Switching Power Factor rrection (PFC) Applications
logo
Vishay Siliconix
PP27EA VISHAY-PP27EA_V01 Datasheet
102Kb / 3P
   Redundant Sensor Dedicated to Aeronautic Applications
01-Jan-2022
PP27EA VISHAY-PP27EA Datasheet
105Kb / 3P
   Redundant Sensor Dedicated to Aeronautic Applications
Revision: 06-Oct-16
PP22SA VISHAY-PP22SA Datasheet
336Kb / 3P
   High Reliable Sensor Dedicated to Aeronautic Applications
Revision: 25-Nov-16
PP22SA VISHAY-PP22SA_V01 Datasheet
333Kb / 3P
   High Reliable Sensor Dedicated to Aeronautic Applications
01-Jan-2022
logo
Toshiba Semiconductor
TPCL4203 TOSHIBA-TPCL4203 Datasheet
379Kb / 12P
   Dedicated to Single-Cell Lithium-Ion Secondary Battery Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com