công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV358ID bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMV358ID
Giải thích chi tiết về linh kiện  Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358ID bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMV358ID Datasheet HTML 4Page - Texas Instruments LMV358ID Datasheet HTML 5Page - Texas Instruments LMV358ID Datasheet HTML 6Page - Texas Instruments LMV358ID Datasheet HTML 7Page - Texas Instruments LMV358ID Datasheet HTML 8Page - Texas Instruments LMV358ID Datasheet HTML 9Page - Texas Instruments LMV358ID Datasheet HTML 10Page - Texas Instruments LMV358ID Datasheet HTML 11Page - Texas Instruments LMV358ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
VCC = ±2.5 V
AV = +1
RL = 2 k
VO = 100 mVPP
Output Voltage − V
_
+
VI
−2.5 V
RL
2.5 V
VO
CL
80
70
60
50
40
30
20
10
0
−10
120
105
90
75
60
45
30
15
0
−15
Vs = 5.0 V
RL = 2 k
Frequency − Hz
Gain
Phase
85 C
°
25 C
°
−40 C
°
85 C
°
25 C
°
−40 C
°
1 k
10 k
100 k
1 M
10 M
10 k
100 k
1 M
10 M
70
60
50
40
30
20
10
0
−10
−30
100
80
60
40
20
0
−20
−40
−60
−80
−20
−100
Frequency − Hz
Gain
Phase
0 pF
100 pF
500 pF
0 pF
1000 pF
500 pF
100 pF
Vs = 5.0 V
RL = 100 k
CL = 0 pF
100 pF
500 pF
1000 pF
1000 pF
10 k
100 k
1 M
10 M
70
60
50
40
30
20
10
0
−10
−30
100
80
60
40
20
0
−20
−40
−60
−80
−20
−100
Frequency − Hz
Gain
Phase
0 pF
100 pF
500 pF
1000 pF
0 pF
100 pF
500 pF
1000 pF
Vs = 5.0 V
RL = 600
CL = 0 pF
100 pF
500 pF
1000 pF
1 k
10 k
100 k
1 M
10 M
80
70
60
50
40
30
20
10
0
−10
120
105
90
75
60
45
30
15
0
−15
Vs = 5.0 V
RL = 100 k ,2 k , 600
Frequency − Hz
Gain
Phase
100 k
2 k
600
600
100 k
2 k
80
70
60
50
40
30
20
10
0
−10
120
105
90
75
60
45
30
15
0
−15
1 k
10 k
100 k
1 M
10 M
Vs = 2.7 V
RL = 100 k
,
2 k
,
600
Frequency − Hz
Gain
Phase
600
100 k
2 k
600
2 k
100 k
LMV358, LMV321, LMV324, LMV324S
SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014
www.ti.com
7.9 Typical Characteristics
Figure 1. LMV321 Frequency Response
Figure 2. LMV321 Frequency Response
vs Resistive Load
vs Resistive Load
Figure 3. LMV321 Frequency Response
Figure 4. LMV321 Frequency Response
vs Capacitive Load
vs Capacitive Load
Figure 5. LMV321 Frequency Response
Figure 6. Stability
vs Temperature
vs Capacitive Load
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV358 LMV321 LMV324 LMV324S


Số phần tương tự - LMV358ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV358ID TI-LMV358ID Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358ID TI-LMV358ID Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV358ID STMICROELECTRONICS-LMV358ID Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
LMV358ID STMICROELECTRONICS-LMV358ID Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
logo
Texas Instruments
LMV358ID TI-LMV358ID Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - LMV358ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com