công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS15L30C bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STPS15L30C
Giải thích chi tiết về linh kiện  Low drop power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L30C bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STPS15L30C Datasheet HTML 1Page - STMicroelectronics STPS15L30C Datasheet HTML 2Page - STMicroelectronics STPS15L30C Datasheet HTML 3Page - STMicroelectronics STPS15L30C Datasheet HTML 4Page - STMicroelectronics STPS15L30C Datasheet HTML 5Page - STMicroelectronics STPS15L30C Datasheet HTML 6Page - STMicroelectronics STPS15L30C Datasheet HTML 7Page - STMicroelectronics STPS15L30C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS15L30C
2/8
DocID8563 Rev 4
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
 T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.27 x IF(AV) + 0.016 IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current,
δ = 0.5, square
wave
Tc = 140 °C
(1)
Per diode
7.5
A
Per device
15
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
200
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(2)
150
°C
1.
Value based on Rth(j-c) max (per diode)
2.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a

--------------------------
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
4
°C/W
Total
2.4
Rth(c)
Coupling
0.7
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
1mA
Tj = 125 °C
70
140
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 7.5 A
0.48
V
Tj = 125 °C
IF = 7.5 A
0.34
0.39
Tj = 25 °C
IF = 12 A
0.53
Tj = 125 °C
IF = 12 A
0.40
0.47
Tj = 25 °C
IF = 15 A
0.57
Tj = 125 °C
IF = 15 A
0.44
0.51
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%


Số phần tương tự - STPS15L30C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPS15L30CB STMICROELECTRONICS-STPS15L30CB Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS15L30CB ISC-STPS15L30CB Datasheet
272Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS15L30CB-TR STMICROELECTRONICS-STPS15L30CB-TR Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS15L30CDJF STMICROELECTRONICS-STPS15L30CDJF Datasheet
118Kb / 7P
   Low drop power Schottky rectifier
More results

Mô tả tương tự - STPS15L30C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com