công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RZTHC6748 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện RZTHC6748
Giải thích chi tiết về linh kiện  Fixed- and Floating-Point DSP
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

RZTHC6748 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  RZTHC6748 Datasheet HTML 1Page - Texas Instruments RZTHC6748 Datasheet HTML 2Page - Texas Instruments RZTHC6748 Datasheet HTML 3Page - Texas Instruments RZTHC6748 Datasheet HTML 4Page - Texas Instruments RZTHC6748 Datasheet HTML 5Page - Texas Instruments RZTHC6748 Datasheet HTML 6Page - Texas Instruments RZTHC6748 Datasheet HTML 7Page - Texas Instruments RZTHC6748 Datasheet HTML 8Page - Texas Instruments RZTHC6748 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 273 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320C6748
SPRS590G – JUNE 2009 – REVISED JANUARY 2017
TMS320C6748™ Fixed- and Floating-Point DSP
1
Device Overview
1
1.1
Features
1
• 375- and 456-MHz C674x Fixed- and Floating-
Point VLIW DSP
• C674x Instruction Set Features
– Superset of the C67x+ and C64x+ ISAs
– Up to 3648 MIPS and 2746 MFLOPS
– Byte-Addressable (8-, 16-, 32-, and 64-Bit Data)
– 8-Bit Overflow Protection
– Bit-Field Extract, Set, Clear
– Normalization, Saturation, Bit-Counting
– Compact 16-Bit Instructions
• C674x Two-Level Cache Memory Architecture
– 32KB of L1P Program RAM/Cache
– 32KB of L1D Data RAM/Cache
– 256KB of L2 Unified Mapped RAM/Cache
– Flexible RAM/Cache Partition (L1 and L2)
• Enhanced Direct Memory Access Controller 3
(EDMA3):
– 2 Channel Controllers
– 3 Transfer Controllers
– 64 Independent DMA Channels
– 16 Quick DMA Channels
– Programmable Transfer Burst Size
• TMS320C674x Floating-Point VLIW DSP Core
– Load-Store Architecture With Nonaligned
Support
– 64 General-Purpose Registers (32-Bit)
– Six ALU (32- and 40-Bit) Functional Units
– Supports 32-Bit Integer, SP (IEEE Single
Precision/32-Bit) and DP (IEEE Double
Precision/64-Bit) Floating Point
– Supports up to Four SP Additions Per Clock,
Four DP Additions Every Two Clocks
– Supports up to Two Floating-Point (SP or DP)
Reciprocal Approximation (RCPxP) and
Square-Root Reciprocal Approximation
(RSQRxP) Operations Per Cycle
– Two Multiply Functional Units:
– Mixed-Precision IEEE Floating-Point Multiply
Supported up to:
2 SP × SP
→ SP Per Clock
2 SP × SP
→ DP Every Two Clocks
2 SP × DP
→ DP Every Three Clocks
2 DP × DP
→ DP Every Four Clocks
– Fixed-Point Multiply Supports Two 32 × 32-
Bit Multiplies, Four 16 × 16-Bit Multiplies, or
Eight 8 × 8-Bit Multiplies per Clock Cycle,
and Complex Multiples
– Instruction Packing Reduces Code Size
– All Instructions Conditional
– Hardware Support for Modulo Loop Operation
– Protected Mode Operation
– Exceptions Support for Error Detection and
Program Redirection
• Software Support
– TI DSP BIOS™
– Chip Support Library and DSP Library
• 128KB of RAM Shared Memory
• 1.8-V or 3.3-V LVCMOS I/Os (Except for USB and
DDR2 Interfaces)
• Two External Memory Interfaces:
– EMIFA
– NOR (8- or 16-Bit-Wide Data)
– NAND (8- or 16-Bit-Wide Data)
– 16-Bit SDRAM With 128-MB Address Space
– DDR2/Mobile DDR Memory Controller With one
of the Following:
– 16-Bit DDR2 SDRAM With 256-MB Address
Space
– 16-Bit mDDR SDRAM With 256-MB Address
Space
• Three Configurable 16550-Type UART Modules:
– With Modem Control Signals
– 16-Byte FIFO
– 16x or 13x Oversampling Option
• LCD Controller
• Two Serial Peripheral Interfaces (SPIs) Each With
Multiple Chip Selects
• Two Multimedia Card (MMC)/Secure Digital (SD)
Card Interfaces With Secure Data I/O (SDIO)
Interfaces
• Two Master and Slave Inter-Integrated Circuits
(I2C Bus™)


Số phần tương tự - RZTHC6748

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
RZT1 RENESAS-RZT1_15 Datasheet
451Kb / 52P
   450 MHz/600MHz, MCU with ARM Cortex짰-R4F
logo
SICK AG
RZT7-03ZRS-KP0 SICK-RZT7-03ZRS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KQ0 SICK-RZT7-03ZRS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KR0 SICK-RZT7-03ZRS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

Mô tả tương tự - RZTHC6748

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com