công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FPX86Z0504J bảng dữ liệu(PDF) 3 Page - AVX Corporation |
|
FPX86Z0504J bảng dữ liệu(HTML) 3 Page - AVX Corporation |
3 / 4 page 84 ■ JUNE 2015 * Tol: +0 / -3mm for H ≥ 118mm Medium Power Film Capacitors FPX (FPY RoHS Compliant) Table of Values Dimensions I2.t Irms Rs Rth Cn Case H* h d max. max. Typical Part Number (μF) Style ±0.5 ±2 D ±0.5 (A2.s) (A) (m ) (°C/W) Weight (g) (±0.020) (±0.079) max. (±0.020) FPX 2000V Vndc = 1000V Vpeak = 1600V Vrms = 560V Vs = 2000V (Voltage Code N) FPX66N0105J-- 1 Plastic case M6/6 52 (2.072) 5 (0.197) 40 (1.575 18 (0.709) 2 15 2.4 14) 120 FPX86N0205J-- 2 Plastic case M8/8 52 (2.072) 5 (0.197) 60 (2.362) 22 (0.866) 8 30 1.2 6.1 190 FPX86N0305J-- 3 Plastic case M8/8 52 (2.072) 5 (0.197) 72 (2.835) 22 (0.866) 18 45 0.9 4.5 260 FPX86N0355J-- 3.5 Plastic case M8/8 52 (2.072) 5 (0.197) 72 (2.835) 22 (0.866) 25 50 0.85 4.5 260 FPX86N0405J-- 4 Plastic case M8/8 52 (2.072) 5 (0.197) 82 (3.228) 22 (0.866) 32 60 0.75 3.5 320 FPX86N0505J-- 5 Plastic case M8/8 52 (2.072) 5 (0.197) 82 (3.228) 22 (0.866) 50 70 0.65 2.5 320 FPX 2500V Vndc = 1300V Vpeak = 2000V Vrms = 700V Vs = 2500V (Voltage Code P) FPX66P0504J-- 0.5 Plastic case M6/6 52 (2.072) 5 (0.197) 40 (1.575) 18 (0.709) 1 15 3 14 120 FPX86P0105J-- 1 Plastic case M8/8 52 (2.072) 5 (0.197) 60 (2.362) 22 (0.866) 3 20 2.3 10.5 190 FPX86P0155J-- 1.5 Plastic case M8/8 52 (2.072) 5 (0.197) 60 (2.362) 22 (0.866) 7 30 1.5 6.1 190 FPX86P0205J-- 2 Plastic case M8/8 52 (2.072) 5 (0.197) 72 (2.835) 22 (0.866) 12.7 40 1.1 4.5 260 FPX86P0255J-- 2.5 Plastic case M8/8 52 (2.072) 5 (0.197) 72 (2.835) 22 (0.866) 20 60 0.89 3.7 260 FPX86P0305J-- 3 Plastic case M8/8 52 (2.072) 5 (0.197) 82 (3.228) 22 (0.866) 28 60 0.85 3.2 320 FPX86P0355J-- 3.5 Plastic case M8/8 52 (2.072) 5 (0.197) 82 (3.228) 22 (0.866) 39 65 0.78 2.9 320 FPX 3500V Vndc = 2000V Vpeak = 2400V Vrms = 850V Vs = 3500V (Voltage Code X) FPX86X0205J-- 2 Plastic case M8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 23 41 1.24 6.1 310 FPX86X0305J-- 3 Plastic case M8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 50 62 0.92 3.9 475 FPX86X0355J-- 3.5 Plastic case M8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 70 72 0.83 3.4 475 FPX86X0405J-- 4 Plastic case M8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 85 80 0.78 3.1 475 FPX 4500V Vndc = 2500V Vpeak = 3200V Vrms = 1130V Vs = 4500V (Voltage Code Z) FPX86Z0904J-- 0.9 Plastic case M8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 15 40 1.5 6.2 310 FPX86Z0105J-- 1 Plastic case M8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 15 38 1.4 6.2 310 FPX86Z0205J-- 2 Plastic case M8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 70 75 0.85 3.1 475 FPX 4600V Vndc = 3000V Vpeak = 4000V Vrms = 1400V V s s = 4600V (Voltage Code Y) FPX86Y0504J-- 0.5 Plastic case M8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 7 40 1.7 12 310 FPX86Y0684J-- 0.68 Plastic case M8/8 62 (2.441) 5 (0.197) 72 (2.835) 22 (0.866) 14 35 1.59 6.2 310 FPX86Y1254J-- 1.25 Plastic case M8/8 62 (2.441) 5 (0.197) 92 (3.622) 22 (0.866) 50 65 1 3.3 475 FPX86Y0155J-- 1.5 Plastic case M8/10 79 (3.110) 6 (0.236) 98 (3.858) – 32 60 1.4 8.3 630 FPX86Y0175J-- 1.7 Plastic case M8/10 79 (3.110) 6 (0.236) 98 (3.858) – 40 70 1.3 7.4 630 FPX86Y0205J-- 2 Plastic case M8/10 79 (3.110) 6 (0.236) 98 (3.858) – 56 80 1.1 6.3 630 FPX86Y0255J-- 2.5 Plastic case M8/10 118 (4.646) 6 (0.236) 98 (3.858) – 200 130 0.8 1.1 1020 FPX86Y0275J-- 2.7 Plastic case M8/10 118 (4.646) 6 (0.236) 98 (3.858) – 232 140 0.7 1.1 1020 FPX86Y0305J-- 3 Plastic case M8/10 143 (5.630) 6 (0.236) 98 (3.858) – 128 100 0.9 1.5 1280 FPX86Y0355J-- 3.5 Plastic case M8/10 143 (5.630) 6 (0.236) 98 (3.858) – 170 110 0.8 1.4 1280 FPX86Y0405J-- 4 Plastic case M8/10 143 (5.630) 6 (0.236) 98 (3.858) – 224 115 0.8 1.4 1280 FPX86Y0455J-- 4.5 Plastic case M8/10 163 (6.417) 6 (0.236) 98 (3.858) – 522 120 0.6 1.7 1500 FPX86Y0505J-- 5 Plastic case M8/10 163 (6.417) 6 (0.236) 98 (3.858) – 600 130 0.6 1.7 1500 FPX86Y0605J-- 6 Plastic case M8/10 163 (6.417) 6 (0.236) 98 (3.858) – 729 160 0.5 1.7 1500 PROTECTION Dimensions: millimeters (inches) |
Số phần tương tự - FPX86Z0504J |
|
Mô tả tương tự - FPX86Z0504J |